Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13344 Datasheet(PDF) 2 Page - Qorvo, Inc

No. de pieza QM13344
Descripción Electrónicos  4xSPST (Single-Pole-Single-Throw Switch)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13344 Datasheet(HTML) 2 Page - Qorvo, Inc

  QM13344 Datasheet HTML 1Page - Qorvo, Inc QM13344 Datasheet HTML 2Page - Qorvo, Inc QM13344 Datasheet HTML 3Page - Qorvo, Inc QM13344 Datasheet HTML 4Page - Qorvo, Inc QM13344 Datasheet HTML 5Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRELIMINARY
QM13344
4xSPST (Single-Pole-Single-Throw Switch)
QM13344 Product Brief
2 of 5
www.qorvo.com
PRELIMINARY
Electrical Specifications
Nominal conditions unless specified otherwise. VIO=1.8V, Temp=25C, 50
Pin Configuration and Description
TOP VIEW
1
2
3
6
5
4
9
8
7
10
Pin Number
Label
Description
1
SDATA
RFFE DATA Line
2
SCLK
RFFE CLOCK Line
3
ID
USID Select
4
VIO
VIO Supply
5
GND
Ground
6
RF4
RF Port 4
7
RF3
RF Port 3
8
RF2
RF Port 2
9
RF1
RF Port 1
10
GND
Ground
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Isolation:
RF1
– RF3 & RF2 – RF4
OFF-STATE
700
– 915 MHz
58
dB
915
– 1910 MHz
53
dB
1910
– 2700 MHz
49
dB
3300
– 4200 MHz
44
dB
4200
– 5000 MHz
41
dB
Isolation:
RF1
– RF2 & RF3 – RF4
OFF-STATE
700
– 915 MHz
35
dB
915
– 1910 MHz
31
dB
1910
– 2700 MHz
26
dB
3300
– 4200 MHz
22
dB
4200
– 5000 MHz
20
dB
Second Harmonic
fo = 700MHz; Pin = 23dBm
-115
dBm
Third Harmonic
-120
dBm
Second Harmonic
fo = 915MHz; Pin = 35dBm
-100
dBm
Third Harmonic
-85
dBm
Second Harmonic
fo = 1910MHz; Pin = 33dBm
-100
dBm
Third Harmonic
-90
dBm
Second Harmonic
fo = 2570MHz; Pin = 23dBm
-110
dBm
Third Harmonic
-115
dBm
ADVANCED



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com