Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

QM13344 Datasheet(PDF) 5 Page - Qorvo, Inc

No. de pieza QM13344
Descripción Electrónicos  4xSPST (Single-Pole-Single-Throw Switch)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QORVO [Qorvo, Inc]
Página de inicio  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM13344 Datasheet(HTML) 5 Page - Qorvo, Inc

  QM13344 Datasheet HTML 1Page - Qorvo, Inc QM13344 Datasheet HTML 2Page - Qorvo, Inc QM13344 Datasheet HTML 3Page - Qorvo, Inc QM13344 Datasheet HTML 4Page - Qorvo, Inc QM13344 Datasheet HTML 5Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PRELIMINARY
QM13344
4xSPST (Single-Pole-Single-Throw Switch)
QM13344 Product Brief
5 of 5
www.qorvo.com
PRELIMINARY
Handling Precautions
Parameter
VALUE
Standard
Caution!
ESD sensitive device
ESD
– Human Body Model (HBM)
Class 2
ESDA/JEDEC JS-001
Solderability
Compatible with both lead-free (260 °C max. reflow temperature) and tin/lead (245 °C max. reflow temperature) soldering processes.
Package lead plating: Electrolytic plated Au over Ni
RoHS Compliance
This part is compliant with the 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment), as amended by Directive 2015/863/EU.
This product also has the following attributes:
Lead free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
SVHC Free
Pb
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web: www.qorvo.com
Tel: 1-844-890-8163
Email: customer.support@qorvo.com
Important Notice
The information contained herein is believed to be reliable; however, Qorvo makes no warranties regarding the information contained herein and assumes no responsibility or
liability whatsoever for the use of the information contained herein. All information contained herein is subject to change without notice. Customers should obtain and verify the
latest relevant information before placing orders for Qorvo products. The information contained herein or any use of such information does not grant, explicitly or implicitly, to
any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. THIS
INFORMATION DOES NOT CONSTITUTE A WARRANTY WITH RESPECT TO THE PRODUCTS DESCRIBED HEREIN, AND QORVO HEREBY DISCLAIMS ANY AND
ALL WARRANTIES WITH RESPECT TO SUCH PRODUCTS WHETHER EXPRESS OR IMPLIED BY LAW, COURSE OF DEALING, COURSE OF PERFORMANCE,
USAGE OF TRADE OR OTHERWISE, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.
Without limiting the generality of the foregoing, Qorvo products are not warranted or authorized for use as critical components in medical, life-saving, or life-sustaining
applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death.
Copyright 2016 © Qorvo, Inc. | Qorvo is a registered trademark of Qorvo, Inc.



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com