Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APM-7098SM Datasheet(PDF) 6 Page - Marki Microwave

No. de pieza APM-7098SM
Descripción Electrónicos  0.1-22 GHz Surface Mount Low Phase Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKIMICROWAVE [Marki Microwave]
Página de inicio  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

APM-7098SM Datasheet(HTML) 6 Page - Marki Microwave

Back Button APM-7098SM Datasheet HTML 2Page - Marki Microwave APM-7098SM Datasheet HTML 3Page - Marki Microwave APM-7098SM Datasheet HTML 4Page - Marki Microwave APM-7098SM Datasheet HTML 5Page - Marki Microwave APM-7098SM Datasheet HTML 6Page - Marki Microwave APM-7098SM Datasheet HTML 7Page - Marki Microwave APM-7098SM Datasheet HTML 8Page - Marki Microwave APM-7098SM Datasheet HTML 9Page - Marki Microwave APM-7098SM Datasheet HTML 10Page - Marki Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.markimicrowave.com
APM-7098SM
Copyright © 2020 Marki Microwave, Inc. All Rights Reserved.
P a g e 6 | R e v . -
3.5 Electrical Specifications
The electrical specifications apply at TA=+25 °C in a 50 Ω system.
QFNs are 100% RF tested.
Parameter
Test
Conditions
Frequency
Min
Typical
Units
Saturated Output Power3
8 V/7 V bias
100 MHz – 15 GHz
+17
+23
dBm
15 GHz – 22 GHz
+12
Small Signal Gain
8 V/7 V
bias,
-25 dBm
Input Power
100 MHz – 15 GHz
+11
+15
dB
15 GHz – 22 GHz
+10
Input Return Loss
100 MHz – 22 GHz
11
Output Return Loss
100 MHz – 22 GHz
10
Noise Figure
100 MHz – 22 GHz
4.8
Reverse Isolation
100 MHz – 22 GHz
38
Collector Current4, Ic
8 V/6 V
-
33
mA
8 V/7 V
-
42
Current Mirror Current,
Ib
8 V/6 V
-
3
8 V/7 V
-
4
Input IP3 (IIP3)
8 V/7 V
bias,
-20 dBm
Input Power
100 MHz – 22 GHz
+8
dBm
Output IP3 (OIP3)
100 MHz – 22 GHz
+22
Output P1dB
8 V/7 V bias
100 MHz – 22 GHz
+19
Input Power for
Saturation
8 V/7 V bias
100 MHz – 22 GHz
+10
dBm
Phase Noise @ 10 kHz
Offset
8 V/7 V
bias,
+10 dBm
Input power
1 GHz
-165
dBc/Hz
3 Saturated output power specification defined using the EVAL-APM-7098SM P7dB compression
curve shown in section 3.6
4 Bias conditions for Ic and Ib tested with no RF input power. See section 3.6 for DC current vs.
RF power. Bias conditions presented as VC/VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com