Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APM-7098SM Datasheet(PDF) 9 Page - Marki Microwave

No. de pieza APM-7098SM
Descripción Electrónicos  0.1-22 GHz Surface Mount Low Phase Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKIMICROWAVE [Marki Microwave]
Página de inicio  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

APM-7098SM Datasheet(HTML) 9 Page - Marki Microwave

Back Button APM-7098SM Datasheet HTML 5Page - Marki Microwave APM-7098SM Datasheet HTML 6Page - Marki Microwave APM-7098SM Datasheet HTML 7Page - Marki Microwave APM-7098SM Datasheet HTML 8Page - Marki Microwave APM-7098SM Datasheet HTML 9Page - Marki Microwave APM-7098SM Datasheet HTML 10Page - Marki Microwave APM-7098SM Datasheet HTML 11Page - Marki Microwave APM-7098SM Datasheet HTML 12Page - Marki Microwave APM-7098SM Datasheet HTML 13Page - Marki Microwave  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
www.markimicrowave.com
APM-7098SM
Copyright © 2020 Marki Microwave, Inc. All Rights Reserved.
P a g e 9 | R e v . -
3.7 Typical Performance Plots of Marki MT3H-0113H Driven With APM-7098SM
40
50
60
70
80
90
100
110
120
130
140
-15
-10
-5
0
5
10
RF Input Power (dBm)
Ic (mA) vs. RF Input Power, 8 V/7 V Bias
5 GHz
15 GHz
25 GHz
2
2.5
3
3.5
4
4.5
5
5.5
6
20
25
30
35
40
45
50
55
60
5
5.5
6
6.5
7
7.5
8
Vb (V)
Ic, Ib (mA) vs. Vb (VC = 8 V)
Ic
Ib
Ic
Ib
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Frequency (GHz)
MT3H-0113H Config. A, IIP3 (dBm) vs. Frequency, APM-7098SM LO
Driver, 8 V/7 V, 1 GHz IF
+4 dBm
+6 dBm
+10 dBm
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Frequency (GHz)
MT3H-0113H Config. A, OIP3 (dBm) vs. Frequency, APM-7098SM LO
Driver, 8 V/7 V, 1 GHz IF
+4 dBm
+6 dBm
+10 dBm
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
2
4
6
8
10
12
14
Frequency (GHz)
MT3H-0113H Config. A, Conversion Loss (dB) vs. Frequency, APM-
7098SM LO Driver, 8 V/7 V, 1 GHz IF
+4 dBm
+6 dBm
+10 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com