Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APM-7098SM Datasheet(PDF) 5 Page - Marki Microwave

No. de pieza APM-7098SM
Descripción Electrónicos  0.1-22 GHz Surface Mount Low Phase Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKIMICROWAVE [Marki Microwave]
Página de inicio  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

APM-7098SM Datasheet(HTML) 5 Page - Marki Microwave

  APM-7098SM Datasheet HTML 1Page - Marki Microwave APM-7098SM Datasheet HTML 2Page - Marki Microwave APM-7098SM Datasheet HTML 3Page - Marki Microwave APM-7098SM Datasheet HTML 4Page - Marki Microwave APM-7098SM Datasheet HTML 5Page - Marki Microwave APM-7098SM Datasheet HTML 6Page - Marki Microwave APM-7098SM Datasheet HTML 7Page - Marki Microwave APM-7098SM Datasheet HTML 8Page - Marki Microwave APM-7098SM Datasheet HTML 9Page - Marki Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
www.markimicrowave.com
APM-7098SM
Copyright © 2020 Marki Microwave, Inc. All Rights Reserved.
P a g e 5 | R e v . -
3.3 Recommended Operating Conditions
The Recommended Operating Conditions indicate the limits, inside which the device should be
operated, to guarantee the performance given in Electrical Specifications Operating outside these
limits may not necessarily cause damage to the device, but the performance may degrade outside
the limits of the electrical specifications. For limits, above which damage may occur, see Absolute
Maximum Ratings.
Min
Nominal
Max2
Units
TA, Ambient Temperature
-40
+25
+85
°C
Positive DC Voltage (VC)
+5
+8
+9
V
Quiescent DC Current (Ic)
26
44
65
mA
DC Current with RF Input (Ic)
-
-
150
mA
Positive DC Current Mirror Voltage (VB)
+5
+7
+9
V
Input Power for Saturation
+7
+10
+16
dBm
3.4 Sequencing Requirements
There is no sequencing required to power up or power down the amplifier.
Amplifier must have an output load connected when operating.
2 Maximum recommended operating current conditions without RF input applied. Please see
typical performance plots on page 9 for relationship between RF input power and DC current
draw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com