Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APM-7098SM Datasheet(PDF) 8 Page - Marki Microwave

No. de pieza APM-7098SM
Descripción Electrónicos  0.1-22 GHz Surface Mount Low Phase Noise Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MARKIMICROWAVE [Marki Microwave]
Página de inicio  https://www.markimicrowave.com/
Logo MARKIMICROWAVE - Marki Microwave

APM-7098SM Datasheet(HTML) 8 Page - Marki Microwave

Back Button APM-7098SM Datasheet HTML 4Page - Marki Microwave APM-7098SM Datasheet HTML 5Page - Marki Microwave APM-7098SM Datasheet HTML 6Page - Marki Microwave APM-7098SM Datasheet HTML 7Page - Marki Microwave APM-7098SM Datasheet HTML 8Page - Marki Microwave APM-7098SM Datasheet HTML 9Page - Marki Microwave APM-7098SM Datasheet HTML 10Page - Marki Microwave APM-7098SM Datasheet HTML 11Page - Marki Microwave APM-7098SM Datasheet HTML 12Page - Marki Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.markimicrowave.com
APM-7098SM
Copyright © 2020 Marki Microwave, Inc. All Rights Reserved.
P a g e 8 | R e v . -
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
Frequency (GHz)
Small Signal Gain (dB) Over Temperature vs. Frequency, 8 V/7 V Bias
-40 C
0 C
25 C
65 C
85 C
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
Frequency (GHz)
Saturated Output Power over Temperature vs. Frequency, 8 V/7 V
-40 C
0 C
25 C
65 C
85 C
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
Frequency (GHz)
OIP3 (dBm) vs. Frequency, -18 dBm Input Power
7 V/7 V
8 V/7 V
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
Frequency (GHz)
IIP3 (dBm) vs. Frequency, -18 dBm Input Power
7 V/7 V
8 V/7 V
0
5
10
15
20
25
-15
-10
-5
0
5
10
Input Power (dBm)
Gain, Output Power, PAE vs. Input Power, 8 V/7 V, F = 5 GHz
Pout (dBm)
PAE (%)
Gain (dB)
0
5
10
15
20
25
-15
-10
-5
0
5
10
Input Power (dBm)
Gain, Output Power, PAE vs. Input Power, 8 V/7 V, F = 15 GHz
Pout (dBm)
PAE (%)
Gain (dB)
-30
-20
-10
0
10
20
30
0
5
10
15
20
25
30
35
Input Frequency (GHz)
Harmonic Response (dBm) vs. Input Freq. 8 V/7 V Bias,
+11 dBm Input Power
Fundamental
2nd Harmonic
3rd Harmonic
4th Harmonic
5th Harmonic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com