Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZSSC3123AI2R Datasheet(PDF) 18 Page - Renesas Technology Corp

No. de pieza ZSSC3123AI2R
Descripción Electrónicos  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 16Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 17Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 18Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 19Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 20Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 21Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
18
August 16, 2018
9.2.1.2 Single Ended with External Reference
Some sensors include an external reference capacitor as part of the sensor construction. If the external reference capacitance (C1) is constant
or increases with increasing input sensor capacitance (C0), then use CDC output Equation 5 through Equation 7. In this case, the
CDC_Reference should be set to zero (bit setting in Table 30).
OFF
SENSOR
(C
C
)
Z
C
0
1
Equation 5
RES
CDC
SENSOR
ZZ

2
Equation 6
OFF
MULT
C
C
CDC _Offset pF
1
Equation 7
Where:
Symbol
Description
ZSENSOR
Measured sensor ratio; must be in the range [0 to 1]
C0
Input sensor capacitance
COFF
Zero shift of CDC
C1
External reference capacitance
ZCDC
Digital raw converted capacitance value
RES
Programmable CDC resolution of 8, 10, 12, or 14 bits (bit setting in Table 30)
CMULT
Capacitance range multiplier (see Table 5)
CDC_Offset
CDC offset trim setting (see section 9.2.1.4 and Table 30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com