Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZSSC3123AI2R Datasheet(PDF) 12 Page - Renesas Technology Corp

No. de pieza ZSSC3123AI2R
Descripción Electrónicos  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 8Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 9Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 10Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 11Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 12Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 13Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 14Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 15Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
12
August 16, 2018
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
AEout
Error Mult 1, -40 to 125°C [b], [i], [j], [k]
3V
10%, 3.3V10%, 5V10%
±0.25
±0.75
%FSO
2.5V
10%
±0.50
±1.25
%FSO
AEout
Mult 2, 4, 8, -40 to 125°C [b], [i], [j], [k]
3V
10%, 3.3V10%, 5V10%
±0.50
±1.25
%FSO
2.5V
10%
±1.50
±3.00
%FSO
[a] See section 6 for full details for current consumption in each mode.
[b] Parameter not tested during production but guaranteed by design.
[c] Parameter measured using internal test capacitors (0pF to 7pF in Mult 1).
[d] Assumes optimal calibration points of 0°C and 100°C; see section 8 for more details.
[e] Assumes optimal calibration points of -20°C, 40°C and 100°C; see section 8 for more details.
[f]
See section 10.7 for more details.
[g] See section 10 for more details.
[h] Timing values are for a nominal oscillator, for worst case, ±10% total frequency variation, multiply by 0.9 (minimum time) or 1.1 (maximum time).
[i]
Accuracy specification includes a 2-point temperature calibration for correcting the internal TC.
[j]
Accuracy specification assumes maximum parasitics of 10pF to ground.
[k] Accuracy specification does not include PDM errors; see the PDM Output electrical parameters for additional errors when using PDM.
6. Current Consumption Graphs
Part current consumption depends on a number of different factors including voltage, temperature, capacitive input, Mult, resolution, and power
down time. The best method for calculating the ZSSC3123’s power consumption is to measure the current consumption with the actual setup.
If measurement is not possible, then the graphs in this section can provide a starting point for estimating the current consumption.
6.1
Update Mode Current Consumption
Figure 2. Best Case Settings (Typical Part)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com