Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZSSC3123AI2R Datasheet(PDF) 63 Page - Renesas Technology Corp

No. de pieza ZSSC3123AI2R
Descripción Electrónicos  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 59Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 60Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 61Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 62Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 63Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 64Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 65Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 66Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 67Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 63 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
63
August 16, 2018
Revision Date
Description of Change
May 20, 2013
Revisions to section 10.3.2.1 to explain preferred method for detecting valid data.
Revision to section 10.6.6 to update Ready pin behavior in Sleep Mode.
Revision to Figure 16.
April 29, 2013
Updated part numbers with new parts.
Update for IDT contact information.
July 23, 2012
Added note for clarity to “Active Regulated Voltage” specification in section 5.
Deleted redundant specification for fOSC in section 5.
Revised the “Excitation Frequency of External Capacitances C0 and C1” (fEXC) specification in Table 1.3 to list
a separate specification fMULTx for each Mult setting.
Deleted inapplicable row for 2.0V for the “Error Mult 1, -40 to 125°C” specification in section 5.
Revised specifications for CVCORE_SM and CVCORE_UM in specifications in section 4.
Updated IDT contact information.
October 15, 2012
Revision to maximum specifications for “Start-Up-Time,” “Update Rate (Update Mode),” and “Response Time
(Sleep Mode)” in section 5.
Revision to equations in section 9.2.1.1 and 9.2.1.2
Edits to text under Figure 13.
Update for IDT contact information.
August 16, 2011
Added specifications in section 5 for VPOR maximum, VREG typical and maximum, and
PSRTEMP.
Revisions to section 10.3.2.1 to explain preferred method for detecting valid data.
Revised product ordering codes.
June 29, 2011
Added specification for “Excitation Frequency of External Capacitances C0 and C1” in section 5 and 9.2.1.
Added “PDM frequency” specification to table in section 5. In section 5, clarified that clipping limit default values
must be adjusted for PDM output functionality. Revised PDM frequency in sections 5 and 10.7 Revised PDM
ripple and settling time specifications in section 5. Revised related examples in Table 24 and corrected
Equation 14 for calculating ripple. Revisions to text explaining Equation 16 and subsequent text recommending
limits for PDM_Clip_High. Revised Table 28 for PDM_Clip_High and PDM_Clip_Low. Added new settings for
PDM clipping limits to section 14.2 and revised related settings in Table 35.
Revised section 8 for addition of specifications for voltage dependency for the temperature channel to section 5.
Revised section 9.2.1.3 regarding total capacitance.
Revised default value for EEPROM word 04HEX from 007THEX to 00FTHEX in Table 28.
Minor edits for clarity in section 14.3.
Revised notes for VCORE pin 1 in Table 1.
Revisions to section 10.3.2.1
February 15, 2011
First release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com