Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ZSSC3123AI2R Datasheet(PDF) 38 Page - Renesas Technology Corp

No. de pieza ZSSC3123AI2R
Descripción Electrónicos  cLite??Capacitive Sensor Signal Conditioner
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3123AI2R Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button ZSSC3123AI2R Datasheet HTML 34Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 35Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 36Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 37Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 38Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 39Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 40Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 41Page - Renesas Technology Corp ZSSC3123AI2R Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
ZSSC3123 Datasheet
© 2018 Integrated Device Technology, Inc.
38
August 16, 2018
Figure 21. I2C MR
10.6.5.2 SPI Measurement Request
The SPI measurement request (SPI MR) is used to wake the device in Sleep Mode and then start a complete measurement cycle, starting with
the temperature measurement / temperature DSP calculation, followed by the capacitance measurement / capacitance DSP calculations, and
then the results are written to the digital output register. As shown in Figure 22, executing an SPI MR command is a read of 8 bits, ignoring the
data that is returned.
Note: The SPI MR function can also be accomplished by performing a full SPI Data Fetch (see section 10.6.4.2) and ignoring the invalid data
that will be returned.
Figure 22. SPI MR
10.6.6 Ready Pin
A rise on the Ready pin indicates that new data is ready to be fetched from either the I2C or SPI interface. The Ready pin stays high until a
Data Fetch (DF) command is sent (see section 10.6.3); it stays high even if additional measurements are performed before the DF. In Sleep
Mode, sending a Measurement Request (MR) command resets the Ready pin.
The Ready pin’s output driver type is selectable as either full push-pull or open drain via the Ready_Open_Drain bit in EEPROM word
Cust_Config (see Table 32 for bit assignments and settings). Point-to-point communication typically uses the full push-pull driver. If an
application requires interfacing to multiple parts, then the open-drain option can allow for just one wire and one pull-up resistor to connect all
the parts in a bus format.
10.7 Pulse Density Modulation (PDM)
PDM outputs for both corrected capacitance and temperature are provided on the ZSSC3123. PDM_C (capacitance PDM) appears on the
READY/PDM_C pin, and PDM_T (temperature PDM) appears on the ALARM_LOW/PDM_T pin if enabled using the Output_Selection bits (see
Table 29). The PDM frequency is 231.25kHz ±10% (i.e., the oscillator frequency 1.85MHz ±10% divided by 8). Both PDM signals are 14-bit
values. In PDM Mode, the ZSSC3123 must be programmed to Update Mode (see section 10.3.1). Every time a conversion cycle has finished,
the PDM will begin outputting the new value.
Device Slave Address [6:0]
6
S
5
4
2
3
1
W
0
A S
Wait for
Slave ACK
2
Start Condition
Stop Condition
Acknowledge (ACK)
Slave Address Bit
Read/Write bit
(Example: Bit 2)
(Example: Write = 0)
S
A
S
W
I2C MR
– Measurement Request: Slave starts a measurement cycle
SCLK
MISO
SS
x
x
Ignore Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com