Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PDP83TG720SWCSTQ1 Datasheet(PDF) 106 Page - Texas Instruments

No. de pieza PDP83TG720SWCSTQ1
Descripción Electrónicos  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

PDP83TG720SWCSTQ1 Datasheet(HTML) 106 Page - Texas Instruments

Back Button PDP83TG720SWCSTQ1 Datasheet HTML 102Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 103Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 104Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 105Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 106Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 107Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 108Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 109Page - Texas Instruments PDP83TG720SWCSTQ1 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 199 page
background image
7.6.2.50 SYMB_POL_CFG Register (Address = 0x55B) [reset = 0x0]
SYMB_POL_CFG is shown in Table 7-73.
Return to the Summary Table.
Table 7-73. SYMB_POL_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-5
RESERVED
R
11b0000000
0000
Reserved
4
cfg_slave_auto_pol_corre
ction_en
R/W
1b0
Correct tx polarity for slave based on received polarity
1b0 = Slave tx polarity independent of slave rx polarity
1b1 = Slave tx polarity to match received polarity
3
cfg_rx_symb_order_inv
R/W
1b0
Order of received symbols S0 to S6 reversed to S6 to S0 Valid only if
LP's 0x55B[1] is set (TI-TI link)
1b0 = Order of received symbols S0 to S6 unchanged
1b1 = Order of received symbols S0 to S6 reversed to S6 to S0
2
cfg_rx_symb_pol_inv
R/W
1b0
Invert polarity of received symbols
1b0 = Unchanged polarity of received symbols
1b1 = Invert polarity of received symbols
1
cfg_tx_symb_order_inv
R/W
1b0
Order of transmit symbols S0 to S6 reversed to S6 to S0 Valid only if
LP's 0x55B[3] is set (TI-TI link)
1b0 = Order of transmit symbols S0 to S6 unchanged
1b1 = Order of transmit symbols S0 to S6 reversed to S6 to S0
0
cfg_tx_symb_pol_inv
R/W
1b0
Invert polarity of transmit symbols
1b0 = Unchanged polarity of transmit symbols
1b1 = Invert polarity of transmit symbols
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
106
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More