Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 145 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 145 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 141Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 142Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 143Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 144Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 145Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 146Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 147Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 148Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 145
ATxmega32E5/16E5/8E5
38.2 Rev. A
• DAC: AREF on PD0 is not available for the DAC
• EDMA: Channel transfer never stops when double buffering is enabled on sub-sequent channels
• ADC: Offset correction fails in unsigned mode
• ADC: Averaging is failing when channel scan is enabled
• ADC: Averaging in single conversion requires multiple conversion triggers
• ADC accumulator sign extends the result in unsigned mode averaging
• ADC: Free running average mode issue
• ADC: Event triggered conversion in averaging mode
• AC: Flag can not be cleared if the module is not enabled
• USART: Receiver not functional when variable data length and start frame detector are enabled
• T/C: Counter does not start when CLKSEL is written
• EEPROM write and Flash write operations fails under 2.0V
• TWI master or slave remembering data
• Temperature Sensor not calibrated
Issue:
DAC: AREF on PD0 is not available for the DAC
The AREF external reference input on pin PD0 is not available for the DAC.
Workaround:
No workaround. Only AREF on pin PA0 can be used as external reference input for the DAC.
Issue:
EDMA: Channel transfer never stops when double buffering is enabled on sub-sequent channels
When the double buffering is enabled on two channels, the channels which are not set in double buffering mode are
never disabled at the end of the transfer. A new transfer can start if the channel is not disabled by software.
Workaround:
• CHMODE = 00
Enable double buffering on all channels or do not use channels which are not set the double buffering mode.
• CHMODE = 01 or 10
Do not use the channel which is not supporting the double buffering mode.
Issue:
ADC: Offset correction fails in unsigned mode
In single ended, unsigned mode, a problem appears in low saturation (zero) when the offset correction is activated.
The offset is removed from result and when a negative result appears, the result is not correct.
Workaround:
No workaround, but avoid using this correction method to cancel
V effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com