Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 141 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 141 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 137Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 138Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 139Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 140Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 141Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 142Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 143Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 144Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 145Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 141
ATxmega32E5/16E5/8E5
Figure 37-82. 32MHz internal Oscillator Frequency vs. CALB Calibration Value
VCC = 3.0V
37.11 Two-wire Interface Characteristics
Figure 37-83. SDA Fall Time vs. Temperature
20.00
30.00
40.00
50.00
60.00
70.00
0
8
16
24
32
40
48
56
64
CALB
Temperature
-40
25
85
105
Temperature [°C]
-40
-20
0
20
40
60
80
100
120
10
20
30
40
50
60
70
80
Mode
FAST
FAST +
STD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com