Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 147 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 147 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 143Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 144Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 145Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 146Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 147Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 148Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 149Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 150Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 147
ATxmega32E5/16E5/8E5
Issue:
AC: Flag can not be cleared if the module is not enabled
It is not possible to clear the AC interrupt flags without enabling either of the analog comparators.
Workaround:
Clear the interrupt flags before disabling the module.
Issue:
USART: Receiver not functional when variable data length and start frame detector are enabled
When using USART in variable frame length with XCL PEC01 configuration and start frame detection activated, the
USART receiver is not functional.
Workaround:
Use XCL BTC0PCE2 configuration instead of PEC01.
Issue:
T/C: Counter does not start when CLKSEL is written
When STOP bit is cleared (CTRLGCLR.STOP) before the timer/counter is enabled (CTRLA.CLKSEL != OFF), the T/C
doesn't start operation.
Workaround:
Do not write CTRLGCLR.STOP bit before writing CTRLA.CLKSEL bits.
Issue:
EEPROM write and Flash write operations fails under 2.0V
EEPROM write and Flash write operations are limited from 2.0V to 3.6V. Other functionalities operates from 1.6V to
3.6V.
Workaround:
None.
Issue:
TWI master or slave remembering data
If a write is made to Data register, prior to Address register, the TWI design sends the data as soon as the write to
Address register is made. But the send data will be always 0x00.
Workaround:
None.
Issue:
Temperature sensor not calibrated
Temperature sensor factory calibration is not implemented.
Workaround:
None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com