Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 148 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 148 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 144Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 145Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 146Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 147Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 148Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 149Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 150Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 151Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 152Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 148
ATxmega32E5/16E5/8E5
39. Revision History
Please note that referring page numbers in this section are referred to this document. The referring revision in this docu-
ment section are referring to the document revision.
39.1 Rev A – 08/2018
39.2 8153K – 08/2016
39.3 8153J – 11/2014
39.4 8153I – 08/2014
39.5 8153H – 07/2014
1.
• Updated the document to Microchip style.
• New Microchip document number. Previous version was Atmel document 8153 rev. K.
2.
• Updated “8MHz Calibrated Internal Oscillator” on page 28 for the clarification of the frequency drift.
1.
“Ordering Information” on page 8: Ordering codes for UQFN packages corrected from M4N/M4NR to M4UN/
M4UNR.
1.
Changed error for ESR parameter in Table 36-27 on page 93.
2.
Changed the use of capital letters in heading, figure titles, and table headings.
1.
Removed preliminary from the front page.
2.
Updated with ESR info in Table 36-27 on page 93.
3.
Added errata on Automatic port override on PORT C in Section 38. “Errata – ATxmega32E5 / ATxmega16E5 /
ATxmega8E5” on page 143.
4.
Added errata on Sext timer not implemented in slave mode in Section 38. “Errata – ATxmega32E5 /
ATxmega16E5 / ATxmega8E5” on page 143.
1.
“Ordering Information” on page 8: Added ordering codes for XMEGA E5 devices @105
C.
2.
Electrical characteristics updates:
“Current Consumption” : Added power-down numbers for 105°C and updated values in Table 36-3 on page 80.
“ Flash and EEPROM Characteristics” : Added Flash and EEPROM write/erase cycles and data retention for
105°C in Table 36-18 on page 89.
3.
Changed Vcc to AVcc in Section 28. “ADC – 12-bit Analog to Digital Converter” on page 57 and in Section 30.1
“Features” on page 61.
4.
32.768 KHz changed to 32 kHz in the heading in Section 36.13.4 on page 91 and in Table 36-23 on page 91.
5.
Changed back page according to datasheet template 2014-0502.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com