Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATXMEGA8E5 Datasheet(PDF) 149 Page - Microchip Technology

No. de pieza ATXMEGA8E5
Descripción Electrónicos  XMEGA짰 E5 Data Sheet
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATXMEGA8E5 Datasheet(HTML) 149 Page - Microchip Technology

Back Button ATXMEGA8E5 Datasheet HTML 145Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 146Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 147Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 148Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 149Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 150Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 151Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 152Page - Microchip Technology ATXMEGA8E5 Datasheet HTML 153Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 149 / 153 page
background image
 2018 Microchip Technology Inc.
Data Sheet Complete
DS40002059A-page 149
ATxmega32E5/16E5/8E5
39.6 8153G – 10/2013
39.7 8153F – 08/2013
39.8 8153E – 06/2013
39.9 8153D – 06/2013
39.10 8153C – 05/2013
39.11 8153B – 04/2013
39.12 8153A – 04/2013
1.
Updated wake-up time from power-save mode for 32MHz internal oscillator from 0.2µs to 5.0µs in Table 36-5 on
page 82.
1.
TWI characteristics: Units of Data setup time (tSU;DAT) changed from µs to ns in Table 36-30 on page 98.
1.
Errata “Rev. B” : Updated date code from 1318 to 1324 in “Temperature sensor not calibrated” on page 144.
1.
Analog Comparator Characteristics: Updated minimum and maximum values of Input Voltage Range, Table 36-14
on page 87.
1.
Electrical Characteristics, Table on page 80: Updated typical value from 7mA to 6mA for Active Current
Consumption, 32MHz, VCC=3.0V.
2.
Errata “Rev. A” and “Rev. B” : Added DAC errata: AREF on PORT C0.
1.
“Rev. B” on page 143: Removed the “EDMA: Channel transfer never stops when double buffering is enabled on
sub-sequent channels” errata.
1.
Initial revision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com