Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM530281R Datasheet(PDF) 9 Page - Hitachi Semiconductor

No. de pieza HM530281R
Descripción Electrónicos  331,776-word x 8-bit Frame Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM530281R Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM530281R Datasheet HTML 5Page - Hitachi Semiconductor HM530281R Datasheet HTML 6Page - Hitachi Semiconductor HM530281R Datasheet HTML 7Page - Hitachi Semiconductor HM530281R Datasheet HTML 8Page - Hitachi Semiconductor HM530281R Datasheet HTML 9Page - Hitachi Semiconductor HM530281R Datasheet HTML 10Page - Hitachi Semiconductor HM530281R Datasheet HTML 11Page - Hitachi Semiconductor HM530281R Datasheet HTML 12Page - Hitachi Semiconductor HM530281R Datasheet HTML 13Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Datasheet Title
9
CGR (clock gate for read) Input: CGR is an input signal that enables/disables incrementing of the
internal read address pointer.
When CGR is low, the read address pointer is incremented in
synchronization with the RCK read clock, and when high, incrementing is stopped. Therefore time axis
expansion can be easily implemented without stopping the read clock by using CGR.
WAS (write address set and jump) Input: WAS is an input signal that initiates write jump address input
when WRS is high and jumps to the previously input write jump address when WRS is low. The falling
edge of this input signal is detected, and either a write jump address input is initiated or a jump to the
previously input write jump address is executed on the first WCK cycle following the fall of WAS.
WAD (write jump address) Input: WAD is the input pin for the write jump address. The 14/15 bits of
the write jump address are read in sequentially from the high order bit, starting at the WCK cycle (when
WRS was high) in which WAS was set low.*2
RAS (read address set and jump) Input: RAS is an input signal that initiates read jump address input
when RRS is high and jumps to the previously input read jump address when RRS is low. The falling edge
of this input signal is detected, and either the read jump address input is initiated or the jump to the
previously input read jump address is executed on the first WCK cycle following the fall on RAS.
RAD (read jump address) Input: RAD is the input pin for the read jump address. The 14/15 bits of the
write jump address are read in sequentially from the high order bit, starting at the RCK cycle (when RRS
was high) in which RAS was set low.
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com