Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM530281R Datasheet(PDF) 8 Page - Hitachi Semiconductor

No. de pieza HM530281R
Descripción Electrónicos  331,776-word x 8-bit Frame Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM530281R Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HM530281R Datasheet HTML 4Page - Hitachi Semiconductor HM530281R Datasheet HTML 5Page - Hitachi Semiconductor HM530281R Datasheet HTML 6Page - Hitachi Semiconductor HM530281R Datasheet HTML 7Page - Hitachi Semiconductor HM530281R Datasheet HTML 8Page - Hitachi Semiconductor HM530281R Datasheet HTML 9Page - Hitachi Semiconductor HM530281R Datasheet HTML 10Page - Hitachi Semiconductor HM530281R Datasheet HTML 11Page - Hitachi Semiconductor HM530281R Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Datasheet Title
8
Input and Output Pin Functions
D
IN0 to D IN7 (data input) Input:
The D
IN pins input 8 bits of data.
Data is input on the rising edge of the
cycle of WCK that follows a low level on both CGW and WE.
D
OUT0 to D OUT7 (data output) Output:
The D
OUT pins output 8 bits of data.
Data output is synchronized
with the RCK clock, and the access time is specified from the rising edge of the RCK cycle.
WCK (write clock) Input: WCK is the write clock input pin. The input of write data is synchronized
with this clock. Write data is input on the rising edge of the cycle of WCK that follows a low level on both
CGW and WE, and when CGW is low, the internal write address pointer is incremented at the same time.
Input of the write jump address is also synchronized with this clock. The 14 bits or 15 bits of the write
jump address are read in sequentially from the WCK cycle that set WAS low, irrespective of write data
acquisition.
RCK (read clock) Input: RCK is the read clock input pin. Read data is output in synchronization with
this clock when both CGR and OE are low, and when CGR is low, the internal read address pointer is
incremented at the same time. Input of the read jump address is also synchronized with this clock. The
read jump address is read in sequentially starting at the RCK cycle in which RAS was set low,
independently of read data output.
WRS (write address pointer reset) Input: WRS is a reset signal input that resets the write address
pointer to 0 when WAS and WLRS are high, resets to the head of the line currently being written when
WAS is high and WLRS is low, and jumps to the preset write jump address when WAS is low. *1 Only the
falling edge of this reset input is detected, and, on the first WCK cycle following that falling edge, a write
cycle to the set address is started immediately.
RRS (read address pointer reset) Input: RRS is a reset signal input that resets the read address pointer to
0 when RAS and RLRS are high, resets to the start of the line currently being read when RAS is high and
RLRS is low, and jumps to the read jump address when RAS is low.*1 Only the falling edge of this reset
input is detected, and, on the first RCK cycle following that falling edge, a read cycle at the set address is
started immediately.
WE (write enable) Input: WE is an input signal that controls the enabling/disabling of the data input pins.
When WE is low, input data is acquired on the WCK cycle, and when WE is high, data input is disabled
and the previous memory data is maintained. Note that the write address pointer is incremented by the
WCK write clock without regard for the level of WE.
OE (output enable) Input: OE is an input signal that enables/disables the data output pins. When OE is
low, data output is enabled, and when high, data output is disabled and the output pins go to the high
impedance state. Note that the read address pointer is incremented by the RCK read clock without regard
for the level of OE. Therefore, data can be jumped over during read simply by disabling output with OE.
CGW (clock gate for write) Input: CGW is an input signal that enables/disables incrementing of the
internal write address pointer.
When CGW is low, the write address pointer is incremented in
synchronization with the WCK write clock, and when high, incrementing is stopped. Therefore time axis
compression can be easily implemented without stopping the write clock by using CGW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com