Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM530281R Datasheet(PDF) 6 Page - Hitachi Semiconductor

No. de pieza HM530281R
Descripción Electrónicos  331,776-word x 8-bit Frame Memory
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITACHI [Hitachi Semiconductor]
Página de inicio  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM530281R Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HM530281R Datasheet HTML 2Page - Hitachi Semiconductor HM530281R Datasheet HTML 3Page - Hitachi Semiconductor HM530281R Datasheet HTML 4Page - Hitachi Semiconductor HM530281R Datasheet HTML 5Page - Hitachi Semiconductor HM530281R Datasheet HTML 6Page - Hitachi Semiconductor HM530281R Datasheet HTML 7Page - Hitachi Semiconductor HM530281R Datasheet HTML 8Page - Hitachi Semiconductor HM530281R Datasheet HTML 9Page - Hitachi Semiconductor HM530281R Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Datasheet Title
6
AC Characteristics
Test Conditions
• Input pulse level: V
SS to 3.0 V
• Input rise/fall time: 3 ns
• I/O timing reference level: 1.5 V
• Output load: 1 TTL + 50 pF (including jig and scope capacitances)
HM530281R-20
HM530281R-25
HM530281R-34
HM530281R-45
Parameter
Symbol Min
Max
Min
Max
Min
Max
Min
Max
Unit
Write clock cycle time
t
WCC
20
25
34
45
ns
Write clock pulse width (high) t
WC
8
10
12
15
ns
Write clock pulse width (low)
t
WCP
8
10
12
15
ns
WRS setup time
t
WRS
7
8
10
10
ns
WRS hold time
t
WRH
7
8
10
10
ns
Data input setup time
t
DS
5
5—
5—
5—
ns
Data input hold time
t
DH
6
6—
6—
6—
ns
CGW setup time
t
WGS
7
8
10
10
ns
CGW hold time
t
WGH
7
8
10
10
ns
WE setup time
t
WES
5
5—
5—
5—
ns
WE hold time
t
WEH
6
6—
6—
6—
ns
Read clock cycle time
t
RCC
20
25
34
45
ns
Read clock pulse width (high) t
RC
8
10
12
15
ns
Read clock pulse width (low)
t
RCP
8
10
12
15
ns
RRS setup time
t
RRS
7
8
10
10
ns
RRS hold time
t
RRH
7
8
10
10
ns
Access time from RCK
t
RAC
18
23
25
30
ns
Output hold time
t
OH
6
6—
6—
6—
ns
Output enable time
t
OLZ
0
0—
0—
0—
ns
Output enable access time
t
OAC
18
20
25
25
ns
Output disable time
t
OHZ
0
15
0
18
0
20
0
20
ns
CGR setup time
t
RGS
7
8
10
10
ns
CGR hold time
t
RGH
7
8
10
10
ns
WAS setup time
t
WSS
7
8
10
10
ns
WAS hold time
t
WSH
7
8
10
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com