Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5501-BP Datasheet(PDF) 21 Page - Cirrus Logic

No. de pieza CS5501-BP
Descripción Electrónicos  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-BP Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5501-BP Datasheet HTML 17Page - Cirrus Logic CS5501-BP Datasheet HTML 18Page - Cirrus Logic CS5501-BP Datasheet HTML 19Page - Cirrus Logic CS5501-BP Datasheet HTML 20Page - Cirrus Logic CS5501-BP Datasheet HTML 21Page - Cirrus Logic CS5501-BP Datasheet HTML 22Page - Cirrus Logic CS5501-BP Datasheet HTML 23Page - Cirrus Logic CS5501-BP Datasheet HTML 24Page - Cirrus Logic CS5501-BP Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
+ or -) a clamp diode will be forward-biased. Un-
der these fault conditions the CS5501/CS5503
might be damaged. Under normal operating con-
ditions (with the power supplies established), the
device will survive transient currents through the
clamp diodes up to 100 mA and continuous cur-
rents up to 10 mA. The drive current into the AIN
pin should be limited to a safe value if an over-
voltage condition is likely to occur. See the
application note "Buffer Amplifiers for the
CS501X Series of A/D Converters" for further
discussion on the clamp diode input structure and
on current limiting circuits.
System Synchronization
If more than one CS5501/CS5503 is included in a
system which is operating from a common clock,
all of the devices can be synchronized to sample
and output at exactly the same time. This can be
accomplished in either of two ways. First, a single
CAL sig nal can be issued to all the
CS5501/CS5503’s in the system. To insure syn-
chronization on the same clock signal the CAL
signal should go low on the falling edge of
CLKIN. Or second, a common SLEEP control
signal can be issued. If the SLEEP signal goes
positive with the appropriate set up time to
CLKIN, all parts will be synchronized on the
same clock cycle.
Analog Input Impedance Considerations
The analog input of the CS5501/CS5503 can be
modeled as illustrated in Figure 11. A 20 pF ca-
pacitor is used to dynamically sample the input
signal. Every 64 CLKIN cycles the switch alter-
nately connects the capacitor to the output of the
buffer and then directly to the AIN pin. When-
ever the sample capacitor is switched from the
output of the buffer to the AIN pin, a small packet
of charge (a dynamic demand of current) will be
required from the input source to settle the volt-
age on the sample capacitor to its final value.
The voltage at the output of the buffer may differ
up to 100 mV from the actual input voltage due to
the offset voltage of the buffer. Timing allows 64
cycles of master clock (CLKIN) for the voltage
on the sample capacitor to settle to its final value.
The equation which defines settling time is:
Ve
= Vmaxe
−t
RC
Where Ve is the final settled value, Vmax is the
maximum error voltage value of the input signal,
R is the value of the input source resistance, C is
the 20 pF sample capacitor plus the value of any
stray or additional capacitance at the input pin.
The value of t is equal to 64/CLKIN.
Vmax occurs the instance when the sample capaci-
tor is switched from the buffer output to the AIN
pin. Prior to the switch, AIN has an error esti-
mated as being less than or equal to Ve. Vmax is
equal to the prior error (Ve) plus the additional
error from the buffer offset. The estimate for
Vmax is:
Vmax
= Ve+100mV
20pF
(20pF+CEXT)
Where CEXT is the combination of any external
or stray capacitance.
From the equation which defines settling time, an
equation for the maximum acceptable source re-
sistance is derived
+
-
CS5501
AIN
AGND
V
100 mv
os
20 pF
CS5503
Figure 11. Analog Input Model
CS5501/CS5503
DS31F4
21
CS5501 CS5503
DS31F5
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com