Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5501-BP Datasheet(PDF) 19 Page - Cirrus Logic

No. de pieza CS5501-BP
Descripción Electrónicos  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-BP Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5501-BP Datasheet HTML 15Page - Cirrus Logic CS5501-BP Datasheet HTML 16Page - Cirrus Logic CS5501-BP Datasheet HTML 17Page - Cirrus Logic CS5501-BP Datasheet HTML 18Page - Cirrus Logic CS5501-BP Datasheet HTML 19Page - Cirrus Logic CS5501-BP Datasheet HTML 20Page - Cirrus Logic CS5501-BP Datasheet HTML 21Page - Cirrus Logic CS5501-BP Datasheet HTML 22Page - Cirrus Logic CS5501-BP Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
sequence (system offset and system gain) has
been properly performed, additional offset calibra-
tions can be performed by themselves to
reposition the gain slope (the slope factor is not
changed) to adjust its zero reference point to the
new system zero reference value.
A second system calibration mode is available
which uses an input voltage for the zero scale
calibration point, but uses the VREF voltage as
the full scale calibration point.
Whenever a system calibration mode is used,
there are limits to the amount of offset and to the
amount of span which can be accommodated.
The range of input span which can be accommo-
dated in either unipolar or bipolar mode is
restricted to not less than 80% of the voltage on
VREF and not more than 200% of (VREF +
0.1) V. The amount of offset which can be cali-
brated depends upon whether unipolar or bipolar
mode is being used. In unipolar mode the system
calibration modes can handle offsets as positive as
20% of VREF (this is restricted by the minimum
span requirement of 80% VREF) or as negative as
-(VREF + 0.1) V. This capability enables the
unipolar mode of the CS5501/CS5503 to be cali-
brated to mimic bipolar mode operation.
In the bipolar mode the system offset calibration
range is restricted to a maximum of
±40% of
VREF. It should be noted that the span restrictions
limit the amount of offset which can be calibrated.
The span range of the converter in bipolar mode
extends an equidistance (+ and -) from the voltage
used for the zero scale point. When the zero scale
point is calibrated it must not cause either of the
two endpoints of the bipolar transfer function to
exceed the positive or the negative input over-
range points (+(VREF + 0.1) V or - (VREF +
0.1) V). If the span range is set to a minimum
(80% VREF) the offset voltage can move
±40%
VREF without causing the end points of the trans-
fer function to exceed the overrange points.
Alternatively, if the span range is set to 200% of
VREF, the input offset cannot move more than
+0.1 or
0.1 V before an endpoint of the transfer
function exceeds the input overrange limit.
Initiating Calibration
Table 2 illustrates the calibration modes available
in the CS5501/CS5503. Not shown in the table is
the function of the BP/UP pin which determines
whether the converter is calibrated to measure bi-
polar or unipolar signals.
A calibration step is
initiated by bringing the CAL pin (13) high for at
least 4 CLKIN cycles to reset the part and then
bringing CAL low. The states of SC1 (pin 4) and
SC2 (pin 17) along with the BP/UP (pin 12) will
determine the type of calibration to be performed.
The SC1 and SC2 inputs are latched when CAL
goes low. The BP/UP input is not latched and
therefore must remain in a fixed state throughout
the calibration and measurement cycles. Any time
the state of the BP/UP pin is changed, a new cali-
bration cycle must be performed to enable the
CS5501/CS5503 to properly function in the new
mode.
When a calibration step is initiated, the DRDY
signal will go high and remain high until the step
is finished.
Table 2 illustrates the number of
clock cycles each calibration requires.
Once a
calibration step is initiated it must finish before a
new calibration step can be executed. In the two
step system calibration mode, the offset calibra-
tion step must be initiated before initiating the
gain calibration step.
When a self-cal is completed DRDY falls and the
output port is updated with a data word that repre-
sents the analog input signal at the AIN pin.
When a system calibration step is completed,
DRDY will fall and the output port will be up-
dated with the appropriate data value (zero scale
point, or full scale point). In the system calibra-
tion mode, the digital filter must settle before the
output code will represent the value of the analog
input signal.
CS5501/CS5503
DS31F4
19
CS5501 CS5503
DS31F5
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com