Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS5501-BP Datasheet(PDF) 7 Page - Cirrus Logic

No. de pieza CS5501-BP
Descripción Electrónicos  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501-BP Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS5501-BP Datasheet HTML 3Page - Cirrus Logic CS5501-BP Datasheet HTML 4Page - Cirrus Logic CS5501-BP Datasheet HTML 5Page - Cirrus Logic CS5501-BP Datasheet HTML 6Page - Cirrus Logic CS5501-BP Datasheet HTML 7Page - Cirrus Logic CS5501-BP Datasheet HTML 8Page - Cirrus Logic CS5501-BP Datasheet HTML 9Page - Cirrus Logic CS5501-BP Datasheet HTML 10Page - Cirrus Logic CS5501-BP Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
Notes: 14. CLKIN must be supplied whenever the CS5501 or CS5503 is not in SLEEP mode. If no clock is
present when not in SLEEP mode, the device can draw higher current than specified
and possibly become uncalibrated.
15. The CS5501/CS5503 is production tested at 4.096 MHz. It is guaranteed by characterization
to operate at 200 kHz.
16. Specified using 10% and 90% points on waveform of interest.
17. In order to synchronize several CS5501’s or CS5503’s together using the SLEEP pin,
this specification must be met.
SWITCHING CHARACTERISTICS (TA = Tmin to Tmax; CLKIN=4.096 MHz; VA+, VD+ = 5V±10%;
VA-, VD- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF; unless otherwise specified.)
Parameter
Symbol
Min
Typ
Max
Units
Master Clock Frequency: Internal Gate Oscillator
(See Table 1)
Externally Supplied:
(Note 14)
Maximum
Minimum
(Note 15)
CLKIN
CLKIN
CLKIN
200
-
200
4096
-
40
5000
5000
-
kHz
kHz
kHz
CLKIN Duty Cycle
20
-
80
%
Rise Times:
Any Digital Input
Any Digital Output
(Note 16)
trise
trise
-
-
-
20
1.0
-
µs
ns
Fall Times:
Any Digital Input
Any Digital Output
(Note 16)
tfall
tfall
-
-
-
20
1.0
-
µs
ns
Set Up Times:
SC1, SC2 to CAL Low
SLEEP High to CLKIN High (Note 17)
tscs
tsls
100
1
-
-
-
-
ns
µs
Hold Time:
SC1, SC2 hold after CAL falls
tsch
100
-
-
ns
RECOMMENDED OPERATING CONDITIONS (AGND, DGND = 0V) (Note 12)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Positive Digital
Negative Digital
Positive Analog
Negative Analog
VD+
VD-
VA+
VA-
4.5
-4.5
4.5
-4.5
5.0
-5.0
5.0
-5.0
VA+
-5.5
5.5
-5.5
V
V
V
V
Analog Reference Voltage
VREF
1.0
2.5
3.0
V
Analog Input Voltage:
(Note 13)
Unipolar
Bipolar
VAIN
VAIN
AGND
-VREF
-
-
VREF
VREF
V
V
Notes: 12. All voltages with respect to ground.
13. The CS5501 and CS5503 can accept input voltages up to the analog supplies (VA+ and VA-). They
will accurately convert and filter signals with noise excursions up to 100mV beyond
|VREF|.
After filtering, the devices will output all 1’s for any input above VREF and all 0’s for any input below
AGND in unipolar mode and -VREF in bipolar mode.
CS5501/CS5503
DS31F4
7
CS5501 CS5503
DS31F5
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com