Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MN85571AC Datasheet(PDF) 10 Page - Panasonic Semiconductor

No. de pieza MN85571AC
Descripción Electrónicos  Single-Chip Audio/Video MPEG2 Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN85571AC Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button MN85571AC Datasheet HTML 6Page - Panasonic Semiconductor MN85571AC Datasheet HTML 7Page - Panasonic Semiconductor MN85571AC Datasheet HTML 8Page - Panasonic Semiconductor MN85571AC Datasheet HTML 9Page - Panasonic Semiconductor MN85571AC Datasheet HTML 10Page - Panasonic Semiconductor MN85571AC Datasheet HTML 11Page - Panasonic Semiconductor MN85571AC Datasheet HTML 12Page - Panasonic Semiconductor MN85571AC Datasheet HTML 13Page - Panasonic Semiconductor MN85571AC Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MN85571AC
10
SDD00023AEM
s Interfaces
1. Host interface
Accesses to this product’s internal resources from an external host take place using the host interface block (HIF).
There are two techniques for accessing resources over the host interface as follows.
1) Direct addressing access
2) Indirect addressing access
1) Direct addressing access
[Read]
• Timing chart
• AC Characteristics
HA[3:0]
Valid Data
Valid Data
trcyc
tcsda
NHCS
NHRE
HD[15:0]
NHWE
tcsad
tcsgat
tadcs
treda
tcsdhd
tread
tadre
tregat
tdhd
"Hi-Z"
"H"
"Hi-Z"
Item
Symbol
Min
Typ
Max
Unit
Read cycle time
trcyc
200

ns
HA[3:0] setup time from the NHCS falling edge
tadcs
0

ns
HA[3:0] setup time from the NHRE falling edge
tadre
0

ns
HD[15:0] bus drive start time from the NHCS falling edge
tcsgat

2ns
HD[15:0] bus drive start time from the NHRE falling edge
tregat

2ns
HD[15:0] valid data output time from the NHCS falling edge
tcsda

135
ns
HD[15:0] valid data output time from the NHRE falling edge
treda

135
ns
HA[3:0] hold time from the NHCS rising edge
tcsad
40

ns
HA[3:0] hold time from the NHRE rising edge
tread
40

ns
HD[15:0] valid data hold time from the NHCS rising edge
tcsdhd
2

ns
HD[15:0] valid data hold time from the NHRE rising edge
tdhd
2

ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com