Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MN85571AC Datasheet(PDF) 9 Page - Panasonic Semiconductor

No. de pieza MN85571AC
Descripción Electrónicos  Single-Chip Audio/Video MPEG2 Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN85571AC Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button MN85571AC Datasheet HTML 5Page - Panasonic Semiconductor MN85571AC Datasheet HTML 6Page - Panasonic Semiconductor MN85571AC Datasheet HTML 7Page - Panasonic Semiconductor MN85571AC Datasheet HTML 8Page - Panasonic Semiconductor MN85571AC Datasheet HTML 9Page - Panasonic Semiconductor MN85571AC Datasheet HTML 10Page - Panasonic Semiconductor MN85571AC Datasheet HTML 11Page - Panasonic Semiconductor MN85571AC Datasheet HTML 12Page - Panasonic Semiconductor MN85571AC Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MN85571AC
9
SDD00023AEM
Item
Symbol
Conditions
Min
Typ
Max
Unit
Supply voltage 1
3.3V-VDD
3.0
3.3
3.6
V
Supply voltage 2
1.8V-VDD
1.65
1.80
1.95
V
Supply voltage 3
AVDD
3.0
3.3
3.6
V
Ambient temperature
Ta
0
70
°C
System clock frequency
SCLK
3.3V-VDD
= 3.0 V to 3.6 V

27.0
MHz
AVDD
= 3.0 V to 3.6 V
DUTY: 50%
±10%
Jitter:
±50 ppm *1
Video data input clock
VCLK
3.3V-VDD
= 3.0 V to 3.6 V

27.0
MHz
frequency
DUTY: 50%
±10%
Jitter:
±50 ppm *1
Code data output clock
RCLKI
3.3V-VDD
= 3.0 V to 3.6 V

33.0
MHz
frequency *
2
DUTY: 50%
±10%
DMA transfer clock frequency
DMACLK
3.3V-VDD
= 3.0 V to 3.6 V

33.0
MHz
DUTY: 50%
±10%
PCM master clock frequency
PCKI
3.3V-VDD
= 3.0 V to 3.6 V
 18.432 MHz
DUTY: 50%
±10%
2. Recommended Operating Conditions at VSS = 0 V, AVSS = 0 V
Note) *1: When TS output is used, the PCR counter SCLK and VCLK jitter must be held within ±30 ppm as stipulated by the ISO/
IEC 13818-1 standard.
*2: The value shown for RCLKI is the stipulated value for forward clock input standalone mode. The maximum value for
reverse clock input standalone mode is 16 MHz.
s Electrical Characteristics
1. Absolute Maximum Ratings
Item
Symbol
Rating
Unit
Supply voltage 1
3.3V-VDD
− 0.3 to +4.6
V
Supply voltage 2
1.8V-VDD
− 0.3 to +2.5
V
Supply voltage 3
AVDD
− 0.3 to +4.6
V
Input voltage
VI
− 0.3 to 3.3 V-VDD + 0.3 (Upper limit: 4.6)
V
Output voltage
VO
− 0.3 to 3.3 V-VDD + 0.3 (Upper limit: 4.6)
V
Average output current
IO
±24
mA
Power dissipation
PD
2.3 (4 layers)
W
Operating temperature
Topr
0 to
+70
°C
Storage temperature
Tstg
−40 to +125
°C
Note) 1. The absolute maximum ratings are limit values for stresses applied to the chip so that the chip will not be destroyed.
Operation is not guaranteed within these ranges.
2. All of the 3.3 V VDD pins, 1.8 V VDD pins, and VSS pins must be connected externally to the 3.3 V power supply, 1.8 V
power supply, and ground, respectively.
3. Connect bypass capacitors (at least 0.1
µF) between the 3.3 V VDD and VSS pins, between the 1.8 V VDD and VSS pins,
and between the AVDD and VSS pins.
4. The power supply voltages must be applied in the following order: first apply the 3.3 V system level (3.3V-VDD, AVDD),
and then apply the 1.8 V system level (1.8V-VDD).
When removing power from this IC, first remove the 1.8 V system level (1.8V-VDD) and then remove the 3.3 V system level
(3.3V-VDD, AVDD).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com