Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MN85571AC Datasheet(PDF) 6 Page - Panasonic Semiconductor

No. de pieza MN85571AC
Descripción Electrónicos  Single-Chip Audio/Video MPEG2 Encoder
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN85571AC Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MN85571AC Datasheet HTML 2Page - Panasonic Semiconductor MN85571AC Datasheet HTML 3Page - Panasonic Semiconductor MN85571AC Datasheet HTML 4Page - Panasonic Semiconductor MN85571AC Datasheet HTML 5Page - Panasonic Semiconductor MN85571AC Datasheet HTML 6Page - Panasonic Semiconductor MN85571AC Datasheet HTML 7Page - Panasonic Semiconductor MN85571AC Datasheet HTML 8Page - Panasonic Semiconductor MN85571AC Datasheet HTML 9Page - Panasonic Semiconductor MN85571AC Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MN85571AC
6
SDD00023AEM
s Signal and Control Timing
• Signal Overview
The MN85571AC I/O signals can be classified by function as shown below.
See the Pin Descriptions section for details on these signals.
All signal pins conform to the LVTTL standard.
SCLK
NRST
TRST
BUSY
VCLK
VIN[7:0]
HA[3:0]
HD[15:0]
NHCS
NHRE
NHWE
NHINT
DMACLK
NHDACK
NHDREQ
ADIN
PCKI
PCKO
Clock
Control
Video I/F
Host I/F
Audio I/F
BCKIO
LRCKIO
AMAS
208-pin
RMRS
RCLKI
RCLKO
CDO[7:0]
CDREADY
CDACK
IPIC
VOB
HCIFZ
MCLK
MCLKIN
MCKE
NMCS
NMRAS
NMCAS
SDRAM I/F
NMWE
MDQM
MA[13:0]
MDQ[31:0]
AGND
AVDD
(For 3.3 V PLL)
GND
Code I/F
Power
1.8V-VDD
3.3V-VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com