Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB190NF04/-1 Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza STB190NF04/-1
Descripción Electrónicos  N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB190NF04/-1 Datasheet(HTML) 8 Page - STMicroelectronics

  STB190NF04/-1 Datasheet HTML 1Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 2Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 3Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 4Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 5Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 6Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 7Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 8Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
STB190NF04/-1 STP190NF04
8/9
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A0
10.5
10.7
0.413
0.421
B0
15.7
15.9
0.618
0.626
D
1.5
1.6
0.059
0.063
D1
1.59
1.61
0.062
0.063
E
1.65
1.85
0.065
0.073
F
11.4
11.6
0.449
0.456
K0
4.8
5.0
0.189
0.197
P0
3.9
4.1
0.153
0.161
P1
11.9
12.1
0.468
0.476
P2
1.9
2.1
0075
0.082
R50
1.574
T
0.25
0.35
.0.0098
0.0137
W
23.7
24.3
0.933
0.956
DIM.
mm
inch
MIN.
MAX.
MIN.
MAX.
A
330
12.992
B
1.5
0.059
C
12.8
13.2
0.504
0.520
D
20.2
0.795
G
24.4
26.4
0.960
1.039
N
100
3.937
T
30.4
1.197
BASE QTY
BULK QTY
1000
1000
REEL MECHANICAL DATA
* on sales type
TUBE SHIPMENT (no suffix)*
TAPE AND REEL SHIPMENT (suffix ”T4”)*
D2PAK FOOTPRINT
TAPE MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9