Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB190NF04/-1 Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza STB190NF04/-1
Descripción Electrónicos  N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB190NF04/-1 Datasheet(HTML) 7 Page - STMicroelectronics

  STB190NF04/-1 Datasheet HTML 1Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 2Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 3Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 4Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 5Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 6Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 7Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 8Page - STMicroelectronics STB190NF04/-1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/9
STB190NF04/-1 STP190NF04
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
L6
L7
L2
Dia.
L5
L4
L9
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8 9