Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MINI54FHC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza MINI54FHC
Descripción Electrónicos  32-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MINI54FHC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MINI54FHC Datasheet HTML 5Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 6Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 7Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 8Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 9Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 10Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 11Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 12Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 9 of 70
Revision 1.01
Provides two channel 32-bit timers. One 8-bit pre-scale counter with 24-bit up
counter for each timer
Independent clock source for each timer
Provides One-shot, Periodic, Toggle and Continuous operation modes
24-bit up counter value is readable through TDR (Timer Data Register)
Provides trigger counting/free counting/counter reset function triggered by
external capture pin or internal comparator signal
Provides event counter function
Supports wake-up from Idle or Power-down mode
WDT (Watchdog Timer)
Multiple clock sources
Supports wake-up from Idle or Power-down mode
Interrupt or reset selectable on watchdog time-out
PWM
Independent 16-bit PWM duty control units with maximum six outputs
Supports group/synchronous/independent/ complementary modes
Supports One-shot or Auto-reload mode
Supports Edge-aligned and Center-aligned type
Programmable dead-zone insertion between complementary channels
Each output has independent polarity setting control
Hardware fault brake protections
Supports duty, period, and fault break interrupts
Supports duty/period trigger ADC conversion
Timer comparing matching event trigger PWM to do phase change
Supports comparator event trigger PWM to force PWM output low for current
period
Provides interrupt accumulation function
UART (Universal Asynchronous Receiver/Transmitters)
One UART device
Buffered receiver and transmitter, each with 16-byte FIFO
Optional flow control function (CTSn and RTSn)
Supports IrDA (SIR) function
Programmable baud-rate generator up to 1/16 system clock
Supports RS-485 function
SPI (Serial Peripheral Interface)
One SPI devices
Supports Master/Slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com