Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MINI54FHC Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

No. de pieza MINI54FHC
Descripción Electrónicos  32-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MINI54FHC Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button MINI54FHC Datasheet HTML 35Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 36Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 37Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 38Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 39Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 40Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 41Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 42Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 39 of 70
Revision 1.01
General Purpose I/O (GPIO)
6.8
6.8.1
Overview
The NuMicro Mini51
TM series have up to 30 General Purpose I/O pins to be shared with other
function pins depending on the chip configuration. These 30 pins are arranged in 6 ports named
as P0, P1, P2, P3, P4 and P5. Each of the 30 pins is independent and has the corresponding
register bits to control the pin mode function and data.
The I/O type of each pin can be configured by software individually as Input, Push-pull output,
Open-drain output, or Quasi-bidirectional mode. For Quasi-bidirectional mode, each I/O pin is
equipped with a very weak individual pull-up resistor about 110 k
Ω ~ 300 kΩ for V
DD is from 5.0 V
to 2.5 V.
6.8.2
Features
Four I/O modes:
Input-only with high impendence
Push-pull output
Open-drain output
Quasi-bidirectional
TTL/Schmitt trigger input mode selected by Px_MFP[23:16]
I/O pin configured as interrupt source with edge/level setting
I/O pin internal pull-up resistor enabled only in Quasi-bidirectional I/O mode
Enabling the pin interrupt function will also enable the pin wake-up function
High driver and high sink I/O mode support
Configurable default I/O mode of all pins after reset by CIOINI (Config0[10]) setting
CIOINI = 0, all GPIO pins in Quasi-bidirectional mode after chip reset
CIOINI = 1, all GPIO pins in Input tri-state mode after chip reset (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com