Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MINI54FHC Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

No. de pieza MINI54FHC
Descripción Electrónicos  32-BIT MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MINI54FHC Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MINI54FHC Datasheet HTML 9Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 10Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 11Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 12Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 13Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 14Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 15Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 16Page - List of Unclassifed Manufacturers MINI54FHC Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 13 of 70
Revision 1.01
4
PARTS INFORMATION LIST AND PIN CONFIGURATION
NuMicro Mini51
 Series Selection Code
4.1
CPU core
ARM Cortex M0
Package Type
Z: QFN 33 (5x5)
L: LQFP 48 (7x7)
F: TSSOP20
Flash ROM
51: 4 KB Flash ROM
52: 8 KB Flash ROM
Temperature
E: - 40 ℃ ~ +105℃
Version
D: Version
MINI 5X - X X E
54: 16 KB Flash ROM
T: QFN 33 (4x4)
H: Version
C: - 40 ℃ ~ +125℃
Figure 4.1-1 NuMicro Mini51
 Series Selection Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com