| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS53L30 Datasheet(PDF) 28 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L30 Datasheet(HTML) 28 Page - Cirrus Logic |
|
28 / 67 page ![]() 28 DS992F2 CS53L30 4.6 Serial Ports 4.6.6 I2S Format I2S format offers the following: • Up to 24 bits/sample of stereo data can be transferred (see Section 4.6.6.1). • Master or slave timing may be selected. • LRCK (i.e., ASP_LRCK/FSYNC) identifies the start of a new sample word and the active stereo channel (A or B). • Data is clocked out of the ASP_SDOUTx output using the falling edge of SCLK (i.e., ASP_SCLK). • Bit order is MSB to LSB. Fig. 4-11 shows the signaling for I2S format. 6.1440 6.1440 (MCLK_ DIV = 00) 1 0 (disabled) 0001 48.000 8.000 768 1 ( 4) 0001 12.000 8.000 768 0 (disabled) 0010 48.000 11.025 81920/147 1 ( 4) 0010 12.000 11.025 81920/147 0 (disabled) 0100 48.000 12.000 512 1 ( 4) 0100 12.000 12.000 512 0 (disabled) 0101 48.000 16.000 384 1 ( 2) 0101 24.000 16.000 384 0 (disabled) 0110 48.000 22.050 40960/147 1 ( 2) 0110 24.000 22.050 40960/147 0 (disabled) 1000 48.000 24.000 256 1 ( 2) 1000 24.000 24.000 256 X 1001 48.000 32.000 192 X 1010 48.000 44.100 20480/147 X 1100 48.000 48.000 128 12.2880 6.1440 (MCLK_ DIV = 01) 1 0 (disabled) 0001 48.000 8.000 1536 1 ( 4) 0001 12.000 8.000 1536 0 (disabled) 0010 48.000 11.025 163840/147 1 ( 4) 0010 12.000 11.025 163840/147 0 (disabled) 0100 48.000 12.000 1024 1 ( 4) 0100 12.000 12.000 1024 0 (disabled) 0101 48.000 16.000 768 1 ( 2) 0101 24.000 16.000 768 0 (disabled) 0110 48.000 22.050 81920/147 1 ( 2) 0110 24.000 22.050 81920/147 0 (disabled) 1000 48.000 24.000 512 1 ( 2) 1000 24.000 24.000 512 X 1001 48.000 32.000 384 X 1010 48.000 44.100 40960/147 X 1100 48.000 48.000 256 19.2000 6.4000 (MCLK_ DIV = 10) 1 0 (disabled) 0001 50.000 8.000 2400 1 ( 4) 0001 12.500 8.000 2400 0 (disabled) 0010 50.000 11.025 256000/147 1 ( 4) 0010 12.500 11.025 256000/147 0 (disabled) 0100 50.000 12.000 1600 1 ( 4) 0100 12.500 12.000 1600 0 (disabled) 0101 50.000 16.000 1200 1 ( 2) 0101 25.000 16.000 1200 0 (disabled) 0110 50.000 22.050 128000/147 1 ( 2) 0110 25.000 22.050 128000/147 0 (disabled) 1000 50.000 24.000 800 1 ( 2) 1000 25.000 24.000 800 X 1001 50.000 32.000 600 X 1010 50.000 44.100 64000/147 X 1100 50.000 48.000 400 1.The internal synchronous SRC guarantees the MCLKEXT/LRCK ratio when the CS53L30 is a PCM bus master. If the CS53L30 is a PCM slave, the PCM master must provide the exact MCLK/LRCK ratio. 2.Supported only if CS53L30 is a PCM bus slave. Table 4-2. Supported Master Clocks and Sample Rates (Cont.) MCLKEXT (MHz) MCLKINT (MHz) INTERNAL_FS_RATIO Setting (MCLKINT/FSINT) MCLK_INT_SCALE MCLKINT Scaling ASP_RATE FsINT (kHz) LRCK (FsEXT) (kHz) MCLKEXT/ LRCK Ratio 1 |