| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CS53L30 Datasheet(PDF) 27 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS53L30 Datasheet(HTML) 27 Page - Cirrus Logic |
|
27 / 67 page ![]() DS992F2 27 CS53L30 4.6 Serial Ports 4.6.5 Serial-Port Sample Rates Table 4-2 lists the supported sample rates. Before making changes to any clock setting or frequency, the device must be powered down by setting either the PDN_ULP or PDN_LP bit. v Table 4-2. Supported Master Clocks and Sample Rates MCLKEXT (MHz) MCLKINT (MHz) INTERNAL_FS_RATIO Setting (MCLKINT/FSINT) MCLK_INT_SCALE MCLKINT Scaling ASP_RATE FsINT (kHz) LRCK (FsEXT) (kHz) MCLKEXT/ LRCK Ratio 1 6.0000 6.0000 (MCLK_ DIV = 00) 0 0 (disabled) 0001 48.000 8.000 750 1 ( 4) 0001 12.000 8.000 750 0 (disabled) 0010 48.000 11.025 80000/147 1 ( 4) 0010 12.000 11.025 80000/147 X 0011 48.000 11.029 2 544 0 (disabled) 0100 48.000 12.000 500 1 ( 4) 0100 12.000 12.000 500 0 (disabled) 0101 48.000 16.000 375 1 ( 2) 0101 24.000 16.000 375 0 (disabled) 0110 48.000 22.050 40000/147 1 ( 2) 0110 24.000 22.050 40000/147 X 0111 48.000 22.059 2 272 0 (disabled) 1000 48.000 24.000 250 1 ( 2) 1000 24.000 24.000 250 X 1001 48.000 32.000 187.5 X 1010 48.000 44.100 20000/147 X 1011 48.000 44.118 2 136 X 1100 48.000 48.000 125 12.0000 6.0000 (MCLK_ DIV = 01) 0 0 (disabled) 0001 48.000 8.000 1500 1 ( 4) 0001 12.000 8.000 1500 0 (disabled) 0010 48.000 11.025 160000/147 1 ( 4) 0010 12.000 11.025 160000/147 X 0011 48.000 11.029 2 1088 0 (disabled) 0100 48.000 12.000 1000 1 ( 4) 0100 12.000 12.000 1000 0 (disabled) 0101 48.000 16.000 750 1 ( 2) 0101 24.000 16.000 750 0 (disabled) 0110 48.000 22.050 80000/147 1 ( 2) 0110 24.000 22.050 80000/147 X 0111 48.000 22.059 2 544 0 (disabled) 1000 48.000 24.000 500 1 ( 2) 1000 24.000 24.000 500 X 1001 48.000 32.000 375 X 1010 48.000 44.100 40000/147 X 1011 48.000 44.118 2 272 X 1100 48.000 48.000 250 5.6448 5.6448 (MCLK_ DIV = 00) 1 0 (disabled) 0100 44.100 11.025 512 1 ( 4) 0100 11.025 11.025 512 0 (disabled) 1000 44.100 22.050 256 1 ( 2) 1000 22.050 22.050 256 X 1100 44.100 44.100 128 11.2896 5.6448 (MCLK_ DIV = 01) 1 0 (disabled) 0100 44.100 11.025 1024 1 ( 4) 0100 11.025 11.025 1024 0 (disabled) 1000 44.100 22.050 512 1 ( 2) 1000 22.050 22.050 512 X 1100 44.100 44.100 256 |