Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRP048V480W1BX Datasheet(PDF) 5 Page - Delta Electronics, Inc.

No. de pieza DRP048V480W1BX
Descripción Electrónicos  Worldwide AC input range without power de-rating
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V480W1BX Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  DRP048V480W1BX Datasheet HTML 1Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 2Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 3Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 4Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 480W 1 Phase / DRP048V480W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
5
EMC
EMC / Emissions
CISPR 22, EN 55022, CISPR 11, EN 55011,
FCC Title 47: Class B
Component Power Supply for General Use
EN 61204-3
Immunity to
EN 55024, EN 61000-6-2
Electrostatic Discharge
IEC 61000-4-2 Level 4 Criteria A1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC 61000-4-3 Level 3 Criteria A1)
80MHz-1GHz, 10V/M, 80% modulation (1kHz)
Electrical Fast Transient / Burst
IEC 61000-4-4 Level 3 Criteria A1)
2kV
Surge
IEC 61000-4-5 Level 3 Criteria A1)
Common Mode2): 2kV
Differential Mode3): 1kV
Conducted
IEC 61000-4-6 Level 3 Criteria A1)
150kHz-80MHz, 10Vrms
Power Frequency Magnetic Fields
IEC 61000-4-8 Criteria A1)
10A/Meter
Voltage Dips
IEC 61000-4-11 100% dip; 1 cycle (20ms); Self Recoverable
Low Energy Pulse Test (Ring Wave)
IEC 61000-4-12 Level 3 Criteria A1)
Common Mode2): 2kV
Differential Mode3): 1Kv
Harmonic Current Emission
IEC/EN 61000-3-2, Class A
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
1) Criteria A: Normal performance within the specification limits
2) Asymmetrical: Common mode (Line to earth)
3) Symmetrical: Differential mode (Line to line)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com