Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRP048V480W1BX Datasheet(PDF) 2 Page - Delta Electronics, Inc.

No. de pieza DRP048V480W1BX
Descripción Electrónicos  Worldwide AC input range without power de-rating
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V480W1BX Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  DRP048V480W1BX Datasheet HTML 1Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 2Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 3Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 4Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 5Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 6Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 480W 1 Phase / DRP048V480W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
85-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Nominal DC Input Voltage
125-250Vdc
DC Input Voltage Range*
120-375Vdc
Input Current
< 5.00A @ 115Vac, < 3.00A @ 230Vac
Efficiency at 100% Load
> 91.0% @ 115Vac, > 93.0% @ 230Vac
Max Inrush Current
< 35A @ 115Vac & 230Vac
Power Factor
> 0.96 @ 115Vac, > 0.90 @ 230Vac
Leakage Current
< 1mA @ 240Vac
*Fulfills tested conditions
Output Ratings / Characteristics
Nominal Output Voltage
48Vdc
Output Voltage Tolerance
± 1% (initial set point tolerance from factory)
Output Voltage Adjustment Range
48-56Vdc
Output Current
10.0A (continuously operating at 48V)
15.0A (Power Boost for 5 seconds at 48V, refer to the
details in the Functions section)
Output Power
480W (continuously operating)
720W (Power Boost for 5 seconds, refer to the details in
the Functions section)
Line Regulation
< 0.5% typ. (@ 85-264Vac input, 100% load)
Load Regulation
< 1% typ. (@ 85-264Vac input, 0-100% load)
PARD (20MHz)
< 200mVpp
Rise Time
< 350ms @ nominal input (100% load)
Start-up Time
< 1,500ms @ nominal input (100% load)
Hold-up Time
> 20ms @ 115Vac & 230Vac (100% load)
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 2% @ 10-90% load
Start-up with Capacitive Loads
10,000µF Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com