Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRP048V480W1BX Datasheet(PDF) 12 Page - Delta Electronics, Inc.

No. de pieza DRP048V480W1BX
Descripción Electrónicos  Worldwide AC input range without power de-rating
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DELTA [Delta Electronics, Inc.]
Página de inicio  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V480W1BX Datasheet(HTML) 12 Page - Delta Electronics, Inc.

Back Button DRP048V480W1BX Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 9Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 10Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 11Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 12Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 13Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 14Page - Delta Electronics, Inc. DRP048V480W1BX Datasheet HTML 15Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 480W 1 Phase / DRP048V480W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
12
Power Boost
������������������������������������(%)= ��������
������������������������������������
������������������������������������������������������������������������(����������������)=(������������������������������������������������)+(������������-��������������������������������������������)
������������������������������������
OR
������������-������������������������������������=�����������������×�������������������������������������−(����������������������������������������×��������)
��������
An example of Power Boost and Average Output Power
Power Boost
Peak Power
(WP)
Power Boost
Duration (TP)
Duty Cycle
Non-Peak
Power (WN)
Non-Peak Power
Duration (TN)
Total Time
(T)
150%
720
5 sec
10%
453W
45 sec
50 sec
150%
720
5 sec
35%
351W
9.3 sec
14.3 sec
120%
576
10 sec
20%
456W
40 sec
50 sec
120%
576
10 sec
35%
428W
18.5 sec
28.5 sec
It is not recommended to prolong the duration of Power Boost to be longer than the specified duty cycle calculation, this may cause
damage to the PSU.
Power Boost is the reserve power available
constantly that allows reliable startup to support
sudden and short spike of loads with high inrush
current typically during turn on to remove the
need of more expensive higher rated power
supply unit. After the output has reached its
steady state set value, the power supply can
support surge loads with a higher short-term
power demand up to 150% of maximum rated
load (IO Max), for a maximum duration of 5
seconds. The Power Boost is also available to
repeatedly basis with according to the condition of
an average (R.M.S) output power shall not
exceed continuous operating condition or refer to
duty cycle calculation below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com