Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UCD7100
Descripción Electrónicos  Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD7100 Datasheet HTML 5Page - Texas Instruments UCD7100 Datasheet HTML 6Page - Texas Instruments UCD7100 Datasheet HTML 7Page - Texas Instruments UCD7100 Datasheet HTML 8Page - Texas Instruments UCD7100 Datasheet HTML 9Page - Texas Instruments UCD7100 Datasheet HTML 10Page - Texas Instruments UCD7100 Datasheet HTML 11Page - Texas Instruments UCD7100 Datasheet HTML 12Page - Texas Instruments UCD7100 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
t − Time − 40 ns/div
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
−50
50
125
−25
0
25
75
100
0
5
10
15
20
25
30
35
TJ − Temperature − °C
t − Time − 40
µs/div
VDD (2 V/div)
3V3 (2 V/div)
OUTx (2 V/div)
UCD7100
www.ti.com
SLUS651D – MARCH 2005 – REVISED OCTOBER 2014
Typical Characteristics (continued)
Figure 15. Start-up Behavior at VDD = 12 V (Input Tied to
3V3)
Figure 14. IN to OUT Propagation Delay vs Temperature
Figure 17. Start-up Behavior at VDD = 12 V (Input Shortened
Figure 16. Shut Down Behavior at VDD = 12 V (Input Tied to
to GND)
3V3)
Figure 19. Output Rise and Fall Time (VDD = 12 V, CLOAD = 10
Figure 18. Shut Down Behavior at VDD = 12 V (Input
NF)
Shortened to GND)
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com