Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UCD7100 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UCD7100
Descripción Electrónicos  Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7100 Datasheet(HTML) 3 Page - Texas Instruments

  UCD7100 Datasheet HTML 1Page - Texas Instruments UCD7100 Datasheet HTML 2Page - Texas Instruments UCD7100 Datasheet HTML 3Page - Texas Instruments UCD7100 Datasheet HTML 4Page - Texas Instruments UCD7100 Datasheet HTML 5Page - Texas Instruments UCD7100 Datasheet HTML 6Page - Texas Instruments UCD7100 Datasheet HTML 7Page - Texas Instruments UCD7100 Datasheet HTML 8Page - Texas Instruments UCD7100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC − No internal connection
VDD
IN
3V3
AGND
CLF
ILIM
NC
PVDD
PVDD
OUT
OUT
PGND
PGND
CS
UCD7100
www.ti.com
SLUS651D – MARCH 2005 – REVISED OCTOBER 2014
5 Description (continued)
For fast switching speeds, the UCD7100 output stage uses the TrueDrive™ output architecture, which delivers
rated current of ±4 A into the gate of a MOSFET during the Miller plateau region of the switching transition. It
also includes a 3.3-V, 10-mA linear regulator to provide power to the digital controller.
The UCD7000 driver family is compatible with standard 3.3-V I/O ports of DSPs, Microcontrollers, or ASICs.
UCD7100 is offered in aPowerPAD™ HTSSOP-14.
6 Pin Configuration and Functions
PWP
14 PINS
Top View
Pin Functions
UCD7100
PIN
I/O
FUNCTION
HTSSOP
DFN-14
NAME
-14 PIN #
PIN #
Supply input pin to power the driver. The UCD7K devices accept an input range of 4.25 V to
1
1
VDD
I
15 V. Bypass the pin with at least 4.7 µF of capacitance.
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up
2
2
IN
I
to 2 MHz. There is an internal Schmitt trigger comparator which isolates the internal circuitry
from any external noise.
Regulated 3.3-V rail. The onboard linear voltage regulator is capable of sourcing up to 10 mA
3
3
3V3
O
of current. Place 0.22-µF of ceramic capacitance from the pin to ground.
4
4
AGND
-
Analog ground return.
Current limit flag. When the CS level is greater than the ILIM voltage minus 25 mV, the output
5
5
CLF
O
of the driver is forced low and the current limit flag (CLF) is set high. The CLF signal is
latched high until the UCD7K device receives the next rising edge on the IN pin.
Current limit threshold set pin. The current limit threshold can be set to any value between
6
6
ILIM
I
0.25 V and 1.0 V.
7
7
NC
-
No Connection.
Current sense pin. Fast current limit comparator connected to the CS pin is used to protect
8
8
CS
I
the power stage by implementing cycle-by-cycle current limiting.
Power ground return. Connect the two PGNDs together. These ground pins should be
9
9
PGND
-
connected very closely to the source of the power MOSFET.
Power ground return. Connect the two PGNDs together. These ground pins should be
10
10
PGND
-
connected very closely to the source of the power MOSFET.
11
11
OUT
O
The high-current TrueDrive™ driver output. Connect the two OUT pins together.
12
12
OUT
O
The high-current TrueDrive™ driver output. Connect the two OUT pins together.
Supply pin provides power for the output drivers. It is not connected internally to the VDD
13
13
PVDD
I
supply rail. Connect the two PVDD pins together.
Supply pin provides power for the output drivers. It is not connected internally to the VDD
14
14
PVDD
I
supply rail. Connect the two PVDD pins together.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com