| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F767VIT6 Datasheet(PDF) 83 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F767VIT6 Datasheet(HTML) 83 Page - STMicroelectronics |
|
83 / 255 page ![]() DocID029041 Rev 4 83/255 STM32F765xx STM32F767xx STM32F768Ax STM32F769xx Pinouts and pin description 105 88 123 A11 151 173 A11 E7 151 173 A11 PD7 I/O FT - DFSDM1_DATIN4, SPI1_MOSI/I2S1_SD, DFSDM1_CKIN1, USART2_CK, SPDIF_RX0, SDMMC2_CMD, FMC_NE1, EVENTOUT - - - - - 174 B10 NC - 174 B10 PJ12 I/O FT - LCD_G3, LCD_B0, EVENTOUT - - - - - 175 B9 NC - 175 B9 PJ13 I/O FT - LCD_G4, LCD_B1, EVENTOUT - - - - - 176 C9 NC - 176 C9 PJ14 I/O FT - LCD_B2, EVENTOUT - - - - - 177 D10 - - 177 D10 PJ15 I/O FT - LCD_B3, EVENTOUT - - 124 C10 152 178 D9 C6 152 178 D9 PG9 I/O FT - SPI1_MISO, SPDIF_RX3, USART6_RX, QUADSPI_BK2_IO2, SAI2_FS_B, SDMMC2_D0, FMC_NE2/FMC_NCE, DCMI_VSYNC, EVENTOUT - - 125 B10 153 179 C8 A7 153 179 C8 PG10 I/O FT - SPI1_NSS/I2S1_WS, LCD_G3, SAI2_SD_B, SDMMC2_D1, FMC_NE3, DCMI_D2, LCD_B2, EVENTOUT - - 126 B9 154 180 B8 B7 154 180 B8 PG11 I/O FT - SPI1_SCK/I2S1_CK, SPDIF_RX0, SDMMC2_D2, ETH_MII_TX_EN/ETH_RM II_TX_EN, DCMI_D3, LCD_B3, EVENTOUT - - 127 B8 155 181 C7 D7 155 181 C7 PG12 I/O FT - LPTIM1_IN1, SPI6_MISO, SPDIF_RX1, USART6_RTS, LCD_B4, SDMMC2_D3, FMC_NE4, LCD_B1, EVENTOUT - Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and ball definitions (continued) Pin Number Alternate functions Additional functions STM32F765xx STM32F767xx STM32F768Ax STM32F769xx |