Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F767VIT6 Datasheet(PDF) 66 Page - STMicroelectronics

No. de pieza STM32F767VIT6
Descripción Electrónicos  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VIT6 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F767VIT6 Datasheet HTML 62Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 63Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 64Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 65Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 66Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 67Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 68Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 69Page - STMicroelectronics STM32F767VIT6 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 255 page
background image
Pinouts and pin description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
66/255
DocID029041 Rev 4
-
-
D3
11
11
E4
G10
11
11
E4
PI9
I/O FT
-
UART4_RX, CAN1_RX,
FMC_D30, LCD_VSYNC,
EVENTOUT
-
-
-
E3
12
12
D5
H10
12
12
D5
PI10
I/O FT
-
ETH_MII_RX_ER,
FMC_D31, LCD_HSYNC,
EVENTOUT
-
-
-
E4
13
13
F3
F11
13
13
F3
PI11
I/O FT
-
LCD_G6,
OTG_HS_ULPI_DIR,
EVENTOUT
WKUP6
-
-
F2
14
14
F2
F13
14
14
F2
VSS
S
-
-
-
-
-
-
F3
15
15
F4
F12
15
15
F4
VDD
S
-
-
-
-
-
10
E2
16
16
D2
G11
16
16
D2
PF0
I/O FT
-
I2C2_SDA, FMC_A0,
EVENTOUT
-
-
11
H3
17
17
E2
G12
17
17
E2
PF1
I/O FT
-
I2C2_SCL, FMC_A1,
EVENTOUT
-
-
12
H2
18
18
G2 G13
18
18
G2
PF2
I/O FT
-
I2C2_SMBA, FMC_A2,
EVENTOUT
-
-
-
-
-
19
E3
NC
-
19
E3
PI12
I/O FT
-
LCD_HSYNC, EVENTOUT
-
-
-
-
-
20
G3
NC
-
20
G3
PI13
I/O FT
-
LCD_VSYNC, EVENTOUT
-
-
-
-
-
21
H3
NC
-
21
H3
PI14
I/O FT
-
LCD_CLK, EVENTOUT
-
-
13
J2
19
22
H2
H11
19
22
H2
PF3
I/O FT
-
FMC_A3, EVENTOUT
ADC3_IN9
-
14
J3
20
23
J2
H12
20
23
J2
PF4
I/O FT
-
FMC_A4, EVENTOUT
ADC3_IN14
-
15
K3
21
24
K3
H13
21
24
K3
PF5
I/O FT
-
FMC_A5, EVENTOUT
ADC3_IN15
10
16
G2
22
25
H6
J13
22
25
H6
VSS
S
-
-
-
-
11
17
G3
23
26
H5
J12
23
26
H5
VDD
S
-
-
-
-
-
18
K2
24
27
K2
NC
24
27
K2
PF6
I/O FT
-
TIM10_CH1, SPI5_NSS,
SAI1_SD_B, UART7_RX,
QUADSPI_BK1_IO3,
EVENTOUT
ADC3_IN4
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx