Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF6G Datasheet(PDF) 26 Page - STMicroelectronics

No. de pieza M25P16-VMF6G
Descripción Electrónicos  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6G Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M25P16-VMF6G Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 23Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 24Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 25Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 26Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 27Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 28Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 29Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
M25P16
26/39
Figure 21. Release from Deep Power-down (RES) Instruction Sequence
Driving Chip Select (S) High after the 8-bit instruc-
tion byte has been received by the device, but be-
fore the whole of the 8-bit Electronic Signature has
been transmitted for the first time (as shown in Fig-
ure 21.), still insures that the device is put into
Stand-by Power mode. If the device was not pre-
viously in the Deep Power-down mode, the transi-
tion to the Stand-by Power mode is immediate. If
the device was previously in the Deep Power-
down mode, though, the transition to the Stand-by
Power mode is delayed by tRES1, and Chip Select
(S) must remain High for at least tRES1(max), as
specified in Table 14.. Once in the Stand-by Power
mode, the device waits to be selected, so that it
can receive, decode and execute instructions.
C
D
AI04078B
S
2
1
34567
0
tRES1
Stand-by Mode
Deep Power-down Mode
Q
High Impedance
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com