Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF6G Datasheet(PDF) 19 Page - STMicroelectronics

No. de pieza M25P16-VMF6G
Descripción Electrónicos  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6G Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M25P16-VMF6G Datasheet HTML 15Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 16Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 17Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 18Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 19Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 20Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 21Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19/39
M25P16
Read Data Bytes (READ)
The device is first selected by driving Chip Select
(S) Low. The instruction code for the Read Data
Bytes (READ) instruction is followed by a 3-byte
address (A23-A0), each bit being latched-in during
the rising edge of Serial Clock (C). Then the mem-
ory contents, at that address, is shifted out on Se-
rial Data Output (Q), each bit being shifted out, at
a maximum frequency fR, during the falling edge of
Serial Clock (C).
The instruction sequence is shown in Figure 14..
The first byte addressed can be at any location.
The address is automatically incremented to the
next higher address after each byte of data is shift-
ed out. The whole memory can, therefore, be read
with a single Read Data Bytes (READ) instruction.
When the highest address is reached, the address
counter rolls over to 000000h, allowing the read
sequence to be continued indefinitely.
The Read Data Bytes (READ) instruction is termi-
nated by driving Chip Select (S) High. Chip Select
(S) can be driven High at any time during data out-
put. Any Read Data Bytes (READ) instruction,
while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on
the cycle that is in progress.
Figure 14. Read Data Bytes (READ) Instruction Sequence and Data-Out Sequence
Note: Address bits A23 to A21 are Don’t Care.
C
D
AI03748D
S
Q
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
76543
1
7
0
High Impedance
Data Out 1
Instruction
24-Bit Address
0
MSB
MSB
2
39
Data Out 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com