Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M25P16-VMF6G Datasheet(PDF) 20 Page - STMicroelectronics

No. de pieza M25P16-VMF6G
Descripción Electrónicos  16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6G Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M25P16-VMF6G Datasheet HTML 16Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 17Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 18Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 19Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 20Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 21Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 22Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 23Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
M25P16
20/39
Read Data Bytes at Higher Speed
(FAST_READ)
The device is first selected by driving Chip Select
(S) Low. The instruction code for the Read Data
Bytes at Higher Speed (FAST_READ) instruction
is followed by a 3-byte address (A23-A0) and a
dummy byte, each bit being latched-in during the
rising edge of Serial Clock (C). Then the memory
contents, at that address, is shifted out on Serial
Data Output (Q), each bit being shifted out, at a
maximum frequency fC, during the falling edge of
Serial Clock (C).
The instruction sequence is shown in Figure 15..
The first byte addressed can be at any location.
The address is automatically incremented to the
next higher address after each byte of data is shift-
ed out. The whole memory can, therefore, be read
with a single Read Data Bytes at Higher Speed
(FAST_READ) instruction. When the highest ad-
dress is reached, the address counter rolls over to
000000h, allowing the read sequence to be contin-
ued indefinitely.
The
Read
Data
Bytes
at
Higher
Speed
(FAST_READ) instruction is terminated by driving
Chip Select (S) High. Chip Select (S) can be driv-
en High at any time during data output. Any Read
Data Bytes at Higher Speed (FAST_READ) in-
struction, while an Erase, Program or Write cycle
is in progress, is rejected without having any ef-
fects on the cycle that is in progress.
Figure 15. Read Data Bytes at Higher Speed (FAST_READ) Instruction Sequence and Data-Out
Sequence
Note: 1. Address bits A23 to A21 are Don’t Care.
C
D
AI04006
S
Q
23
2
1
3456789 10
28 29 30 31
22 21
3210
High Impedance
Instruction
24 BIT ADDRESS
0
C
D
S
Q
32 33 34
36 37 38 39 40 41 42 43 44 45 46
765432
0
1
DATA OUT 1
Dummy Byte
MSB
7
6543210
DATA OUT 2
MSB
MSB
7
47
765432
0
1
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com