| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F446RC Datasheet(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446RC Datasheet(HTML) 60 Page - STMicroelectronics |
|
60 / 201 page ![]() Port B PB0 - TIM1_CH2N TIM3_CH3 TIM8_ CH2N -- - SPI3_MOS I/ I2S3_SD UART4_ CTS - OTG_HS_ ULPI_D1 -SDIO_D1 - - EVENT OUT PB1 - TIM1_CH3N TIM3_CH4 TIM8_ CH3N -- - - - - OTG_HS_ ULPI_D2 -SDIO_D2 - - EVENT OUT PB2 - TIM2_CH4 - - - - SAI1_ SD_A SPI3_MOS I/ I2S3_SD - QUADSPI_ CLK OTG_HS_ ULPI_D4 - SDIO_CK - - EVENT OUT PB3 JTDO/ TRACES WO TIM2_CH2 - - I2C2_ SDA SPI1_SCK /I2S1_CK SPI3_SCK / I2S3_CK -- - - - - - - EVENT OUT PB4 NJTRST - TIM3_CH1 - I2C3_ SDA SPI1_MISO SPI3_ MISO SPI2_NSS/ I2S2_WS -- - - - - - EVENT OUT PB5 - - TIM3_CH2 - I2C1_ SMBA SPI1_MOSI /I2S1_SD SPI3_ MOSI/ I2S3_SD - - CAN2_RX OTG_HS_ ULPI_D7 - FMC_ SDCKE1 DCMI_ D10 - EVENT OUT PB6 - - TIM4_CH1 HDMI_ CEC I2C1_ SCL -- USART1_ TX -CAN2_TX QUADSPI_ BK1_NCS - FMC_ SDNE1 DCMI_D5 - EVENT OUT PB7 - - TIM4_CH2 - I2C1_ SDA -- USART1_ RX SPDIF_ RX0 -- - FMC_NL DCMI_ VSYNC - EVENT OUT PB8 - TIM2_CH1/ TIM2_ETR TIM4_CH3 TIM10_ CH1 I2C1_ SCL - - - - CAN1_RX - - SDIO_D4 DCMI_D6 - EVENT OUT PB9 - TIM2_ CH2 TIM4_CH4 TIM11_ CH1 I2C1_ SDA SPI2_NSS/ I2S2_WS SAI1_ FS_B - - CAN1_TX - - SDIO_D5 DCMI_D7 - EVENT OUT PB10 - TIM2_CH3 - - I2C2_ SCL SPI2_SCK/ I2S2_CK SAI1_ SCK_A USART3_ TX -- OTG_HS_ ULPI_D3 -- - - EVENT OUT PB11 - TIM2_CH4 - - I2C2_ SDA -- USART3_ RX SAI2_ SD_A -- - - - - EVENT OUT PB12 - TIM1_BKIN - - I2C2_ SMBA SPI2_NSS/ I2S2_WS SAI1_ SCK_B USART3_ CK -CAN2_RX OTG_HS_ ULPI_D5 - OTG_ HS_ID -- EVENT OUT PB13 - TIM1_CH1N - - - SPI2_SCK/ I2S2_CK - USART3_ CTS -CAN2_TX OTG_HS_ ULPI_D6 -- - - EVENT OUT PB14 - TIM1_CH2N - TIM8_ CH2N -SPI2_MISO - USART3_ RTS - TIM12_CH1 - - OTG_ HS_DM -- EVENT OUT PB15 RTC_ REFIN TIM1_CH3N - TIM8_ CH3N - SPI2_MOSI /I2S2_SD - - - TIM12_CH2 - - OTG_ HS_DP -- EVENT OUT Table 11. Alternate function (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/ 10/11/ CEC I2C1/2/3 /4/CEC SPI1/2/3/ 4 SPI2/3/4/ SAI1 SPI2/3/ USART1/ 2/3/UART 5/SPDIFR X SAI/ USART6/ UART4/5/ SPDIFRX CAN1/2 TIM12/13/ 14/ QUADSPI SAI2/ QUADSPI/ OTG2_HS/ OTG1_FS OTG1_FS FMC/ SDIO/ OTG2_FS DCMI - SYS |