| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F446RC Datasheet(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446RC Datasheet(HTML) 56 Page - STMicroelectronics |
|
56 / 201 page ![]() Pinout and pin description STM32F446xC/E 56/201 DocID027107 Rev 5 -87 B4 A8 122 PD6 I/O FT - SPI3_MOSI/I2S3_SD, SAI1_SD_A, USART2_RX, FMC_NWAIT, DCMI_D10, EVENTOUT - -88 A4 A9 123 PD7 I/O FT - USART2_CK, SPDIFRX_IN0, FMC_NE1, EVENTOUT - -- - E8 124 PG9 I/O FT - SPDIFRX_IN3, USART6_RX, QUADSPI_BK2_IO2, SAI2_FS_B, FMC_NE2/FMC_NCE3, DCMI_VSYNC, EVENTOUT - - - - D8 125 PG10 I/O FT - SAI2_SD_B, FMC_NE3, DCMI_D2, EVENTOUT - -- - C8 126 PG11 I/O FT - SPI4_SCK, SPDIFRX_IN0, DCMI_D3, EVENTOUT - - - - B8 127 PG12 I/O FT - SPI4_MISO, SPDIFRX_IN1, USART6_RTS, FMC_NE4, EVENTOUT - - - - D7 128 PG13 I/O FT - TRACED2, SPI4_MOSI, USART6_CTS, FMC_A24, EVENTOUT - - - - C7 129 PG14 I/O FT - TRACED3, SPI4_NSS, USART6_TX, QUADSPI_BK2_IO3, FMC_A25, EVENTOUT - - - - - 130 VSS S - - - - -- - F6 131 VDD S - - - - - - - B7 132 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, DCMI_D13, EVENTOUT - 55 89 A5 A7 133 PB3(JTDO/TRACES WO) I/O FT - JTDO/TRACESWO, TIM2_CH2, I2C2_SDA, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, EVENTOUT - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |