| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F446RC Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F446RC Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 201 page ![]() Pinout and pin description STM32F446xC/E 54/201 DocID027107 Rev 5 40 66 D1 E11 99 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, SDIO_D1, DCMI_D3, EVENTOUT - 41 67 E2 E12 100 PA8 I/O FT - MCO1, TIM1_CH1, I2C3_SCL, USART1_CK, OTG_FS_SOF, EVENTOUT - 42 68 F4 D12 101 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, SAI1_SD_B, USART1_TX, DCMI_D0, EVENTOUT OTG_FS_VBUS 43 69 E3 D11 102 PA10 I/O FT - TIM1_CH3, USART1_RX, OTG_FS_ID, DCMI_D1, EVENTOUT - 44 70 C1 C12 103 PA11(1) I/O FT - TIM1_CH4, USART1_CTS, CAN1_RX, OTG_FS_DM, EVENTOUT - 45 71 E4 B12 104 PA12(1) I/O FT - TIM1_ETR, USART1_RTS, SAI2_FS_B, CAN1_TX, OTG_FS_DP, EVENTOUT - 46 72 D2 A12 105 PA13(JTMS-SWDIO) I/O FT - JTMS-SWDIO, EVENTOUT - - 73 C2 G9 106 VCAP_2 S - - - - 47 74 B1 G10 107 VSS S - - - - 48 75 A1 F9 108 VDD S - - - - 49 76 C3 A11 109 PA14(JTCK-SWCLK) I/O FT - JTCK-SWCLK, EVENTOUT - 50 77 B2 A10 110 PA15(JTDI) I/O FT - JTDI, TIM2_CH1/TIM2_ETR, HDMI_CEC, SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, UART4_RTS, EVENTOUT - Table 10. STM32F446xx pin and ball descriptions (continued) Pin Number Pin name (function after reset) Alternate functions Additional functions |