Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MEC1322 Datasheet(PDF) 10 Page - Microchip Technology

No. de pieza MEC1322
Descripción Electrónicos  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 6Page - Microchip Technology MEC1322 Datasheet HTML 7Page - Microchip Technology MEC1322 Datasheet HTML 8Page - Microchip Technology MEC1322 Datasheet HTML 9Page - Microchip Technology MEC1322 Datasheet HTML 10Page - Microchip Technology MEC1322 Datasheet HTML 11Page - Microchip Technology MEC1322 Datasheet HTML 12Page - Microchip Technology MEC1322 Datasheet HTML 13Page - Microchip Technology MEC1322 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 456 page
background image
MEC1322
DS00001719D-page 10
 2014 - 2015 Microchip Technology Inc.
Note:
The NC pin in the 144 WFBGA package should be left unconnected on the board.
Pin Ref.
Num ber
144
WFBGA
Number
Pin Name
Pin Ref.
Num ber
144
WFBGA
Num ber
Pin Nam e
73
H13
GPIO110
109
B9
I2C0_DAT1/GPIO017
74
H11
GPIO130
110
A9
I2C0_CLK1/GPIO134
75
H12
32KHZ_OUT/GPIO013
111
A8
I2C0_DAT0/GPIO016
76
G13
nEC_SCI/GPIO026
112
C8
I2C0_CLK0/GPIO015
77
H8
VCC1_RST#/GPIO131
113
A7
LED0/GPIO154
78
G8
GPIO141/PWM3/LED3
114
B8
LED1/GPIO155
79
G12
VREF_PECI
115
C7
LED2/GPIO156
80
G9
GPIO132/PECI_DAT
116
B7
GPIO163
81
G11
GPIO007/KSO14
117
C10
VSS
82
J9
VSS
118
A6
GPIO136/PWM1
83
F13
GPIO010/KSO15
119
G6
VCC1
84
J6
VCC1
120
B6
GPIO133/PWM0
85
F11
GPIO143/RSMRST#
121
C5
GPIO034/PWM2/TACH2PWM_OUT
86
D13
GPIO162/RXD
122
A4
GPIO135/KBRST
87
F7
GPIO165/TXD/SHD_CS1#
123
B4
GPIO044/nSMI
88
E13
GPIO023/I2C1_DAT0
124
C4
GPIO066
89
E12
GPIO022/I2C1_CLK0
125
B3
GPIO025/I2C3_DAT0
90
E11
GPIO021/I2C2_DAT0
126
A3
GPIO024/I2C3_CLK0
91
D11
GPIO020/I2C2_CLK0
127
E6
GPIO054/PVT_MOSI
92
D12
GPIO105/TACH1
128
E5
GPIO064/SHD_MOSI
93
C13
GPIO145
129
G3
GPIO067
94
F9
GPIO164/PVT_MISO
130
F2
GPIO055
95
E9
GPIO124/SHD_MISO
131
G1
GPIO210
96
F8
GPIO146/PVT_CS0#
132
N4
GPIO211
97
E8
GPIO150/SHD_CS0#
133
L7
GPIO200
98
B12
GPIO157/BC_CLK
134
J7
GPIO123
99
B13
GPIO160/BC_DAT
135
H7
VCC1
100
A12
GPIO161/BC_INT#
136
F12
GPIO202
101
A13
GPIO140/TACH2/TACH2PWM_IN
137
C12
GPIO201
102
E7
GPIO045/A20M/PVT_CS1#
138
H9
VSS
103
C11
GPIO053/PS2_CLK3
139
B11
GPIO203
104
J8
VSS
140
C9
VSS
105
A11
GPIO152/PS2_DAT3
141
C6
GPIO204
106
H6
VCC1
142
M11
NC
107
A10
GPIO030
143
D3
VSS
108
B10
GPIO012/KSO17
144
B5
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More