Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1055ACPZ-R7 Datasheet(PDF) 131 Page - Analog Devices

No. de pieza ADP1055ACPZ-R7
Descripción Electrónicos  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 131 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 135Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 131 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
10,160
98.42519685
−3
787
10,150
98.52216749
−3
788
10,130
98.71668312
−3
790
10,120
98.81422925
−3
791
10,110
98.91196835
−3
791
10,100
99.00990099
−3
792
10,080
99.20634921
−3
794
10,070
99.30486594
−3
794
10,060
99.40357853
−3
795
10,050
99.50248756
−3
796
10,030
99.70089731
−3
798
10,020
99.8003992
−3
798
10,010
99.9000999
−3
799
10,000
100
−3
800
9980
100.2004008
−3
802
9970
100.3009027
−3
802
9960
100.4016064
−3
803
9950
100.5025126
−3
804
9930
100.7049345
−3
806
9920
100.8064516
−3
806
9910
100.9081736
−3
807
9900
101.010101
−3
808
9880
101.2145749
−3
810
9870
101.3171226
−3
811
9860
101.4198783
−3
811
9850
101.5228426
−3
812
9840
101.6260163
−3
813
9820
101.8329939
−3
815
9810
101.9367992
−3
815
9800
102.0408163
−3
816
9790
102.145046
−3
817
9770
102.3541453
−3
819
9760
102.4590164
−3
820
9750
102.5641026
−3
821
9740
102.6694045
−3
821
9730
102.7749229
−3
822
9720
102.8806584
−3
823
9700
103.0927835
−3
825
9690
103.1991744
−3
826
9680
103.3057851
−3
826
9670
103.4126163
−3
827
9660
103.5196687
−3
828
9650
103.626943
−3
829
9630
103.8421599
−3
831
9620
103.950104
−3
832
9610
104.0582726
−3
832
9600
104.1666667
−3
833
9590
104.2752868
−3
834
9580
104.3841336
−3
835
9560
104.6025105
−3
837
9550
104.7120419
−3
838
9540
104.8218029
−3
839
9530
104.9317943
−3
839
Period (ns)
Frequency (kHz)
Exponent
Mantissa
9520
105.0420168
−3
840
9510
105.1524711
−3
841
9500
105.2631579
−3
842
9480
105.4852321
−3
844
9470
105.5966209
−3
845
9460
105.7082452
−3
846
9450
105.8201058
−3
847
9440
105.9322034
−3
847
9430
106.0445387
−3
848
9420
106.1571125
−3
849
9410
106.2699256
−3
850
9400
106.3829787
−3
851
9380
106.6098081
−3
853
9370
106.7235859
−3
854
9360
106.8376068
−3
855
9350
106.9518717
−3
856
9340
107.0663812
−3
857
9330
107.1811361
−3
857
9320
107.2961373
−3
858
9310
107.4113856
−3
859
9300
107.5268817
−3
860
9290
107.6426265
−3
861
9280
107.7586207
−3
862
9260
107.9913607
−3
864
9250
108.1081081
−3
865
9240
108.2251082
−3
866
9230
108.3423619
−3
867
9220
108.4598698
−3
868
9210
108.577633
−3
869
9200
108.6956522
−3
870
9190
108.8139282
−3
871
9180
108.9324619
−3
871
9170
109.0512541
−3
872
9160
109.1703057
−3
873
9150
109.2896175
−3
874
9140
109.4091904
−3
875
9130
109.5290252
−3
876
9120
109.6491228
−3
877
9110
109.7694841
−3
878
9100
109.8901099
−3
879
9090
110.0110011
−3
880
9080
110.1321586
−3
881
9070
110.2535832
−3
882
9060
110.3752759
−3
883
9040
110.619469
−3
885
9030
110.7419712
−3
886
9020
110.864745
−3
887
9010
110.9877913
−3
888
9000
111.1111111
−3
889
8990
111.2347052
−3
890
8980
111.3585746
−3
891
8970
111.4827202
−3
892
8960
111.6071429
−3
893