Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1055ACPZ-R7 Datasheet(PDF) 130 Page - Analog Devices

No. de pieza ADP1055ACPZ-R7
Descripción Electrónicos  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 130 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 134Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 130 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
11,740
85.17887564
−3
681
11,730
85.2514919
−3
682
11,710
85.3970965
−3
683
11,690
85.54319932
−3
684
11,670
85.68980291
−3
686
11,660
85.76329331
−3
686
11,640
85.91065292
−3
687
11,620
86.05851979
−3
688
11,610
86.13264427
−3
689
11,590
86.28127696
−3
690
11,570
86.43042351
−3
691
11,560
86.50519031
−3
692
11,540
86.65511265
−3
693
11,520
86.80555556
−3
694
11,510
86.88097307
−3
695
11,490
87.03220191
−3
696
11,470
87.18395815
−3
697
11,460
87.2600349
−3
698
11,440
87.41258741
−3
699
11,420
87.56567426
−3
701
11,410
87.64241893
−3
701
11,390
87.79631255
−3
702
11,370
87.95074758
−3
704
11,360
88.02816901
−3
704
11,340
88.18342152
−3
705
11,330
88.26125331
−3
706
11,310
88.4173298
−3
707
11,290
88.57395926
−3
709
11,280
88.65248227
−3
709
11,260
88.80994671
−3
710
11,250
88.88888889
−3
711
11,230
89.04719501
−3
712
11,220
89.12655971
−3
713
11,200
89.28571429
−3
714
11,180
89.44543828
−3
716
11,170
89.52551477
−3
716
11,150
89.68609865
−3
717
11,140
89.76660682
−3
718
11,120
89.92805755
−3
719
11,110
90.0090009
−3
720
11,090
90.17132552
−3
721
11,080
90.25270758
−3
722
11,060
90.4159132
−3
723
11,040
90.57971014
−3
725
11,030
90.66183137
−3
725
11,010
90.82652134
−3
727
11,000
90.90909091
−3
727
10,980
91.07468124
−3
729
10,970
91.15770283
−3
729
10,950
91.32420091
−3
731
10,940
91.40767824
−3
731
10,920
91.57509158
−3
733
10,910
91.65902841
−3
733
Period (ns)
Frequency (kHz)
Exponent
Mantissa
10,890
91.82736455
−3
735
10,880
91.91176471
−3
735
10,860
92.08103131
−3
737
10,850
92.16589862
−3
737
10,840
92.25092251
−3
738
10,820
92.42144177
−3
739
10,810
92.50693802
−3
740
10,790
92.67840593
−3
741
10,780
92.76437848
−3
742
10,760
92.93680297
−3
743
10,750
93.02325581
−3
744
10,730
93.19664492
−3
746
10,720
93.28358209
−3
746
10,700
93.45794393
−3
748
10,690
93.5453695
−3
748
10,680
93.6329588
−3
749
10,660
93.80863039
−3
750
10,650
93.89671362
−3
751
10,630
94.07337723
−3
753
10,620
94.16195857
−3
753
10,610
94.25070688
−3
754
10,590
94.42870633
−3
755
10,580
94.51795841
−3
756
10,560
94.6969697
−3
758
10,550
94.78672986
−3
758
10,540
94.87666034
−3
759
10,520
95.05703422
−3
760
10,510
95.14747859
−3
761
10,490
95.32888465
−3
763
10,480
95.41984733
−3
763
10,470
95.51098376
−3
764
10,450
95.6937799
−3
766
10,440
95.78544061
−3
766
10,430
95.87727709
−3
767
10,410
96.06147935
−3
768
10,400
96.15384615
−3
769
10,380
96.33911368
−3
771
10,370
96.43201543
−3
771
10,360
96.52509653
−3
772
10,340
96.71179884
−3
774
10,330
96.8054211
−3
774
10,320
96.89922481
−3
775
10,300
97.08737864
−3
777
10,290
97.18172983
−3
777
10,280
97.27626459
−3
778
10,260
97.46588694
−3
780
10,250
97.56097561
−3
780
10,240
97.65625
−3
781
10,230
97.75171065
−3
782
10,210
97.94319295
−3
784
10,200
98.03921569
−3
784
10,190
98.13542689
−3
785
10,170
98.32841691
−3
787