Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1055ACPZ-R7 Datasheet(PDF) 129 Page - Analog Devices

No. de pieza ADP1055ACPZ-R7
Descripción Electrónicos  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 129 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 133Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 129 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
13,910
71.8907261
−3
575
13,880
72.04610951
−3
576
13,860
72.15007215
−3
577
13,840
72.25433526
−3
578
13,810
72.41129616
−3
579
13,790
72.51631617
−3
580
13,760
72.6744186
−3
581
13,740
72.78020378
−3
582
13,720
72.88629738
−3
583
13,690
73.04601899
−3
584
13,670
73.15288954
−3
585
13,650
73.26007326
−3
586
13,620
73.42143906
−3
587
13,600
73.52941176
−3
588
13,580
73.6377025
−3
589
13,550
73.80073801
−3
590
13,530
73.90983001
−3
591
13,510
74.019245
−3
592
13,490
74.12898443
−3
593
13,460
74.29420505
−3
594
13,440
74.4047619
−3
595
13,420
74.51564829
−3
596
13,400
74.62686567
−3
597
13,370
74.79431563
−3
598
13,350
74.90636704
−3
599
13,330
75.01875469
−3
600
13,310
75.13148009
−3
601
13,280
75.30120482
−3
602
13,260
75.4147813
−3
603
13,240
75.52870091
−3
604
13,220
75.6429652
−3
605
13,200
75.75757576
−3
606
13,170
75.93014427
−3
607
13,150
76.04562738
−3
608
13,130
76.1614623
−3
609
13,110
76.27765065
−3
610
13,090
76.39419404
−3
611
13,070
76.51109411
−3
612
13,050
76.62835249
−3
613
13,020
76.80491551
−3
614
13,000
76.92307692
−3
615
12,980
77.04160247
−3
616
12,960
77.16049383
−3
617
12,940
77.2797527
−3
618
12,920
77.3993808
−3
619
12,900
77.51937984
−3
620
12,880
77.63975155
−3
621
12,860
77.76049767
−3
622
12,840
77.88161994
−3
623
12,820
78.00312012
−3
624
12,800
78.125
−3
625
12,770
78.30853563
−3
626
12,750
78.43137255
−3
627
Period (ns)
Frequency (kHz)
Exponent
Mantissa
12,730
78.55459544
−3
628
12,710
78.67820614
−3
629
12,690
78.80220646
−3
630
12,670
78.92659826
−3
631
12,650
79.0513834
−3
632
12,630
79.17656374
−3
633
12,610
79.30214116
−3
634
12,590
79.42811755
−3
635
12,570
79.55449483
−3
636
12,550
79.6812749
−3
637
12,530
79.8084597
−3
638
12,510
79.93605116
−3
639
12,500
80
−3
640
12,480
80.12820513
−3
641
12,460
80.25682183
−3
642
12,440
80.38585209
−3
643
12,420
80.51529791
−3
644
12,400
80.64516129
−3
645
12,380
80.77544426
−3
646
12,360
80.90614887
−3
647
12,340
81.03727715
−3
648
12,320
81.16883117
−3
649
12,300
81.30081301
−3
650
12,280
81.43322476
−3
651
12,260
81.56606852
−3
653
12,250
81.63265306
−3
653
12,230
81.76614881
−3
654
12,210
81.9000819
−3
655
12,190
82.03445447
−3
656
12,170
82.16926869
−3
657
12,150
82.30452675
−3
658
12,130
82.44023083
−3
660
12,120
82.50825083
−3
660
12,100
82.6446281
−3
661
12,080
82.78145695
−3
662
12,060
82.91873964
−3
663
12,040
83.05647841
−3
664
12,030
83.12551953
−3
665
12,010
83.26394671
−3
666
11,990
83.4028357
−3
667
11,970
83.54218881
−3
668
11,950
83.68200837
−3
669
11,940
83.7520938
−3
670
11,920
83.89261745
−3
671
11,900
84.03361345
−3
672
11,880
84.17508418
−3
673
11,860
84.31703204
−3
675
11,850
84.38818565
−3
675
11,830
84.53085376
−3
676
11,810
84.67400508
−3
677
11,790
84.81764207
−3
679
11,780
84.88964346
−3
679
11,760
85.03401361
−3
680