Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1055ACPZ-R7 Datasheet(PDF) 128 Page - Analog Devices

No. de pieza ADP1055ACPZ-R7
Descripción Electrónicos  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 128 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 124Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 125Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 126Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 127Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 128Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 129Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 130Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 131Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 132Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 128 of 140
Period (ns)
Frequency (kHz)
Exponent
Mantissa
16,300
61.34969325
−4
982
16,290
61.38735421
−4
982
16,270
61.462815
−4
983
16,260
61.50061501
−4
984
16,240
61.57635468
−4
985
16,220
61.65228113
−4
986
16,210
61.69031462
−4
987
16,190
61.76652254
−4
988
16,170
61.84291899
−4
989
16,160
61.88118812
−4
990
16,140
61.95786865
−4
991
16,120
62.03473945
−4
993
16,110
62.07324643
−4
993
16,090
62.15040398
−4
994
16,080
62.18905473
−4
995
16,060
62.26650062
−4
996
16,040
62.34413965
−4
998
16,030
62.38303182
−4
998
16,010
62.4609619
−4
999
16,000
62.5
−4
1000
15,980
62.57822278
−4
1001
15,960
62.6566416
−4
1003
15,950
62.69592476
−4
1003
15,930
62.77463905
−4
1004
15,920
62.81407035
−4
1005
15,900
62.89308176
−4
1006
15,880
62.97229219
−4
1008
15,870
63.01197227
−4
1008
15,850
63.09148265
−4
1009
15,840
63.13131313
−4
1010
15,820
63.21112516
−4
1011
15,810
63.25110689
−4
1012
15,790
63.33122229
−4
1013
15,770
63.4115409
−4
1015
15,760
63.45177665
−4
1015
15,740
63.53240152
−4
1017
15,730
63.57279085
−4
1017
15,710
63.65372374
−4
1018
15,700
63.69426752
−4
1019
15,680
63.7755102
−4
1020
15,670
63.81620932
−4
1021
15,650
63.89776358
−4
1022
15,640
63.93861893
−4
1023
15,620
64.02048656
−3
512
15,590
64.14368185
−3
513
15,560
64.26735219
−3
514
15,530
64.39150032
−3
515
15,500
64.51612903
−3
516
15,470
64.64124111
−3
517
15,440
64.76683938
−3
518
15,410
64.89292667
−3
519
15,380
65.01950585
−3
520
15,350
65.1465798
−3
521
Period (ns)
Frequency (kHz)
Exponent
Mantissa
15,320
65.27415144
−3
522
15,290
65.40222368
−3
523
15,260
65.53079948
−3
524
15,230
65.65988181
−3
525
15,200
65.78947368
−3
526
15,180
65.87615283
−3
527
15,150
66.00660066
−3
528
15,120
66.13756614
−3
529
15,090
66.26905235
−3
530
15,060
66.40106242
−3
531
15,030
66.53359947
−3
532
15,000
66.66666667
−3
533
14,980
66.75567423
−3
534
14,950
66.88963211
−3
535
14,920
67.02412869
−3
536
14,890
67.15916723
−3
537
14,860
67.29475101
−3
538
14,840
67.38544474
−3
539
14,810
67.52194463
−3
540
14,780
67.65899865
−3
541
14,760
67.75067751
−3
542
14,730
67.88866259
−3
543
14,700
68.02721088
−3
544
14,670
68.16632584
−3
545
14,650
68.25938567
−3
546
14,620
68.3994528
−3
547
14,590
68.54009596
−3
548
14,570
68.63417982
−3
549
14,540
68.77579092
−3
550
14,510
68.91798759
−3
551
14,490
69.01311249
−3
552
14,460
69.15629322
−3
553
14,440
69.25207756
−3
554
14,410
69.3962526
−3
555
14,380
69.54102921
−3
556
14,360
69.63788301
−3
557
14,330
69.78367062
−3
558
14,310
69.88120196
−3
559
14,280
70.0280112
−3
560
14,260
70.12622721
−3
561
14,230
70.27406887
−3
562
14,200
70.42253521
−3
563
14,180
70.52186178
−3
564
14,150
70.67137809
−3
565
14,130
70.77140835
−3
566
14,100
70.92198582
−3
567
14,080
71.02272727
−3
568
14,050
71.17437722
−3
569
14,030
71.27583749
−3
570
14,010
71.37758744
−3
571
13,980
71.53075823
−3
572
13,960
71.63323782
−3
573
13,930
71.78750897
−3
574